Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR2114SS Datasheet(PDF) 5 Page - International Rectifier

Part # IR2114SS
Description  HALF-BRIDGE GATE DRIVER IC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2114SS Datasheet(HTML) 5 Page - International Rectifier

  IR2114SS Datasheet HTML 1Page - International Rectifier IR2114SS Datasheet HTML 2Page - International Rectifier IR2114SS Datasheet HTML 3Page - International Rectifier IR2114SS Datasheet HTML 4Page - International Rectifier IR2114SS Datasheet HTML 5Page - International Rectifier IR2114SS Datasheet HTML 6Page - International Rectifier IR2114SS Datasheet HTML 7Page - International Rectifier IR2114SS Datasheet HTML 8Page - International Rectifier IR2114SS Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
IR2114/IR21141/IR2214/IR22141
5
Pin: HOP, LOP
Symbol
Definition
Min Typ Max Units Test Conditions
VOH
High level output voltage, VB – VHOP or Vcc –VLOP
-
40
300
mV
IO = 20mA
IO1+
Output high first stage short circuit pulsed current
-
2
-
VHOP/LOP=0V,
HIN or LIN= 1,
PW≤200ns,
resistive load,
see Fig. 8
IO2+
Output high second stage short circuit pulsed current
-
1
-
A
VHOP/LOP=0V,
HIN or LIN = 1,
400ns≤PW≤10µs,
resistive load,
see Fig. 8
LOP/HOP
VCC/VB
on/off
internal signal
VOH
200ns
oneshot
Figure 5: HOP and LOP diagram
Pin: HON, LON, SSDH, SSDL
Symbol
Definition
Min Typ Max Units Test Conditions
VOL
Low level output voltage, VHON or VLON
-
45
300
mV
IO = 20mA
RON,SSD
Soft Shutdown on resistance (Note 1)
-
90
-
Ω
PW ≤ 7 µs
IO-
Output low short circuit pulsed current
-
3
-
A
VHOP/LOP=15V,
HIN or LIN = 0,
PW≤10µs
Note 1: SSD operation only.
SSDL/SSDH
COM/VS
on/off
internal signal
RON,SSD
LON/HON
desat
internal signal
VOL
Figure 6: HON, LON, SSDH and SSDL diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com