| Electronic Components Datasheet Search |
|
IR2114SS Datasheet(PDF) 16 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
IR2114SS Datasheet(HTML) 16 Page - International Rectifier |
|
16 / 21 page ![]() IR2114/IR21141/IR2214/IR22141 16 it and the outputs go back to follow the inputs. D. The DSH goes high but this is not read because HO is off. E. The LO signal is on and the low side IGBT desaturates, the low side behaviour is the same as described in point B. F. The DSL goes high but this is not read because LO is off. G. As point A (anti-shoot through). Referred to timing diagram figure 18: A. The device is in hold state, regardless of input variations. Hold state is forced by SY_FLT forced low externally B. The device outputs goes off by hard shutdown, externally commanded. A through B is the same sequence adopted by another IR2x14x device in SSD procedure. C. Externally driven low FAULT/SD (shutdown state) cannot be disabled by forcing FLT_CLR (see FAULT/SD section). D. The FAULT/SD is released and the outputs go back to follow the inputs. E. Externally driven low FAULT/SD: outputs go off by hard shutdown (like point B). F. As point A and B but for the low side output. Sizing tips Bootstrap supply The VBS voltage provides the supply to the high side driver circuitry of the gate driver. This supply sits on top of the VS voltage and so it must be floating. The bootstrap method to generate VBS supply can be used with any of the IR2114, IR21141, IR2214, IR22141. The bootstrap supply is formed by a diode and a capacitor connected as in figure 19. bootstrap diode bootstrap capacitor VB VS VCC HOP HON SSDH DC+ bootstrap resistor COM VCC VBS VF VGE VCEon VFP ILOAD motor Rboot Figure 19: bootstrap supply schematic This method has the advantage of being simple and low cost but may force some limitations on duty-cycle and on-time since they are limited by the requirement to refresh the charge in the bootstrap capacitor. Proper capacitor choice can reduce drastically these limitations. Bootstrap capacitor sizing To size the bootstrap capacitor, the first step is to establish the minimum voltage drop (∆VBS) that we have to guarantee when the high side IGBT is on. If VGEmin is the minimum gate emitter voltage we want to maintain, the voltage drop must be: CEon GE F CC BS V V V V V − − − ≤ ∆ min under the condition: − > BSUV GE V V min where VCC is the IC voltage supply, VF is bootstrap diode forward voltage, VCEon is emitter-collector voltage of low side IGBT and VBSUV- is the high- side supply undervoltage negative going threshold. Now we must consider the influencing factors contributing VBS to decrease: − IGBT turn on required Gate charge (QG); − IGBT gate-source leakage current (ILK_GE); − Floating section quiescent current (IQBS); − Floating section leakage current (ILK) − Bootstrap diode leakage current (ILK_DIODE); − Desat diode bias when on (IDS- ) − Charge required by the internal level shifters (QLS); typical 20nC − Bootstrap capacitor leakage current (ILK_CAP); − High side on time (THON). ILK_CAP is only relevant when using an electrolytic capacitor and can be ignored if other types of capacitors are used. It is strongly recommend using at least one low ESR ceramic capacitor (paralleling electrolytic and low ESR ceramic may result in an efficient solution). Then we have: + + + + = QBS GE LK LS G TOT I I Q Q Q _ ( HON DS CAP LK DIODE LK LK T I I I I ⋅ + + + + − ) _ _ The minimum size of bootstrap capacitor is: |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |