Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3003116 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 3003116
Description  Flange cover, with screw-on fixing, length: 19.9 mm, width: 2.2 mm, height: 17.7 mm, color: gray
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3003116 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  3003116 Datasheet HTML 1Page - PHOENIX CONTACT 3003116 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
https://www.phoenixcontact.com/pi/products/3003116
09/06/2018   Page 1 / 2
Flange cover - PTFIX 1,5-DF - 3003116
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Flange cover, with screw-on fixing, length: 19.9 mm, width: 2.2 mm, height: 17.7 mm, color: gray
Why buy this product
 Easy marking options
Key Commercial Data
Packing unit
40 STK
Minimum order quantity
40 STK
GTIN
GTIN
4055626434421
Technical data
General
Color
gray
Material
PA
Flammability rating according to UL 94
V0
Dimensions
Width
2.2 mm
Length
19.9 mm
Height
17.7 mm
Hole diameter
6 mm
Standards and Regulations
Flammability rating according to UL 94
V0
Environmental Product Compliance
China RoHS
Environmentally friendly use period: unlimited = EFUP-e


Similar Part No. - 3003116

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
300311B MOLEX11-300311B Datasheet
74Kb / 2P
KK짰 Header, Vertical, Round Pin, 11 Circuits, Tin (Sn) Plating, Pin Length 23.80mm
More results

Similar Description - 3003116

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3030514 PHOENIX-3030514 Datasheet
64Kb / 2P
End cover, Length: 72 mm, Width: 2.2 mm, Height: 36.5 mm, Color: gray
3072821 PHOENIX-3072821 Datasheet
53Kb / 2P
Separating plate, length: 105.2 mm, width: 1 mm, height: 67.5 mm, color: gray
2202582 PHOENIX-2202582 Datasheet
56Kb / 2P
Component housing, length: 111.9 mm, Cover, color: light gray, width: 20.94 mm, height: 16.3 mm
2202622 PHOENIX-2202622 Datasheet
54Kb / 2P
Component housing, length: 111.9 mm, Cover, color: light gray, width: 20.94 mm, height: 16.3 mm
2202630 PHOENIX-2202630 Datasheet
54Kb / 2P
Component housing, length: 109.8 mm, Cover, color: light gray, width: 18.9 mm, height: 12.2 mm
2202634 PHOENIX-2202634 Datasheet
54Kb / 2P
Component housing, length: 87.8 mm, Cover, color: light gray, width: 18.9 mm, height: 12.2 mm
2202662 PHOENIX-2202662 Datasheet
54Kb / 2P
Component housing, length: 109.8 mm, Cover, color: light gray, width: 56.88 mm, height: 12.2 mm
2202665 PHOENIX-2202665 Datasheet
54Kb / 2P
Component housing, length: 109.8 mm, Cover, color: light gray, width: 37.89 mm, height: 12.2 mm
3212203 PHOENIX-3212203 Datasheet
52Kb / 2P
End cover, length: 66.4 mm, width: 2.2 mm, height: 29 mm, color: gray
3274060 PHOENIX-3274060 Datasheet
48Kb / 2P
Flange, with screw-on fixing, length: 28.6 mm, width: 8.6 mm, height: 21.7 mm, color: gray
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com