Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3003116 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 3003116
Description  Flange cover, with screw-on fixing, length: 19.9 mm, width: 2.2 mm, height: 17.7 mm, color: gray
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3003116 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  3003116 Datasheet HTML 1Page - PHOENIX CONTACT 3003116 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
https://www.phoenixcontact.com/pi/products/3003116
09/06/2018   Page 2 / 2
Flange cover - PTFIX 1,5-DF - 3003116
Technical data
Environmental Product Compliance
No hazardous substances above threshold values
Phoenix Contact 2018 © - all rights reserved
http://www.phoenixcontact.com
PHOENIX CONTACT GmbH & Co. KG
Flachsmarktstr. 8
32825 Blomberg
Germany
Tel. +49 5235 300
Fax +49 5235 3 41200
http://www.phoenixcontact.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com