Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA190A2IRSWR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # INA190A2IRSWR
Description  Low-Supply, High-Accuracy, Low- and High-Side Current-Shunt Monitor With Picoamp Bias Current and Enable
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA190A2IRSWR Datasheet(HTML) 3 Page - Texas Instruments

  INA190A2IRSWR Datasheet HTML 1Page - Texas Instruments INA190A2IRSWR Datasheet HTML 2Page - Texas Instruments INA190A2IRSWR Datasheet HTML 3Page - Texas Instruments INA190A2IRSWR Datasheet HTML 4Page - Texas Instruments INA190A2IRSWR Datasheet HTML 5Page - Texas Instruments INA190A2IRSWR Datasheet HTML 6Page - Texas Instruments INA190A2IRSWR Datasheet HTML 7Page - Texas Instruments INA190A2IRSWR Datasheet HTML 8Page - Texas Instruments INA190A2IRSWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
1
NC
2
NC
6
VS
7
ENABLE
Not to scale
3
INA190
www.ti.com
SBOS863B – MARCH 2018 – REVISED SEPTEMBER 2018
Product Folder Links: INA190
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
5 Pin Configuration and Functions
RSW Package
10-Pin Thin UQFN
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
ENABLE
7
Digital input
Enable Pin. When this pin is driven to VVS, the device is on and functions as a current sense
amplifier. When this pin is driven to GND, the device is off, the supply current is reduced, and the
output is placed in a high-impedance state. This pin must be driven externally, or connected to
VVS if not used.
GND
9
Analog
Ground
IN–
4
Analog input
Current-sense amplifier negative input. For high-side applications, connect to load side of sense
resistor. For low-side applications, connect to ground side of sense resistor.
IN+
3
Analog input
Current-sense amplifier positive input. For high-side applications, connect to bus voltage side of
sense resistor. For low-side applications, connect to load side of sense resistor.
NC
1, 2, 5
—
Not internally connected. Either float these pins or connect to any voltage between GND and VS.
OUT
10
Analog
output
OUT pin. This pin provides an analog voltage output that is the gained up voltage difference from
the IN+ to the IN– pins, and is offset by the voltage applied to the REF pin.
REF
8
Analog input
Reference input. Enables bidirectional current sensing with an externally applied voltage.
VS
6
Analog
Power supply, 1.7 V to 5.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com