Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA190A2IRSWR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # INA190A2IRSWR
Description  Low-Supply, High-Accuracy, Low- and High-Side Current-Shunt Monitor With Picoamp Bias Current and Enable
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA190A2IRSWR Datasheet(HTML) 1 Page - Texas Instruments

  INA190A2IRSWR Datasheet HTML 1Page - Texas Instruments INA190A2IRSWR Datasheet HTML 2Page - Texas Instruments INA190A2IRSWR Datasheet HTML 3Page - Texas Instruments INA190A2IRSWR Datasheet HTML 4Page - Texas Instruments INA190A2IRSWR Datasheet HTML 5Page - Texas Instruments INA190A2IRSWR Datasheet HTML 6Page - Texas Instruments INA190A2IRSWR Datasheet HTML 7Page - Texas Instruments INA190A2IRSWR Datasheet HTML 8Page - Texas Instruments INA190A2IRSWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
ADC
ENABL E
VS
OUT
REF
GND
IN+
IN±
LOA D
Microco ntr oller
Sup ply Vo ltag e
1.7 V to 5.5 V
Bus Voltage
±0.2 V to +40 V
0.5 nA
(typ)
0.5 nA
(typ)
0.1 …F
RSENS E
INA190
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
INA190
SBOS863B – MARCH 2018 – REVISED SEPTEMBER 2018
INA190 Low-Supply, High-Accuracy, Low- and High-Side Current-Shunt Monitor With
Picoamp Bias Current and Enable
1
1 Features
1
•
Low Supply Voltage, VVS: 1.7 V to 5.5 V
•
Wide Common-Mode Voltage: –0.2 V to +40 V
•
Low Shutdown Current: 100 nA (Max)
•
Low Input Bias Currents: 500 pA (Typ)
(Enables Microamp Current Measurement)
•
Low Offset Voltage, VOS: ±15 μV (Max)
•
Accuracy:
–
Gain Error: ±0.2% (A1 Devices)
–
Offset Drift: 0.13-μV/°C (Max)
–
Gain Drift: 5-ppm/°C (Max)
•
Gain Options:
–
INA190A1: 25 V/V
–
INA190A2: 50 V/V
–
INA190A3: 100 V/V
–
INA190A4: 200 V/V
–
INA190A5: 500 V/V
•
Quiescent Current: 50 μA at 25°C (Typ)
•
Package: 1.8-mm x 1.4-mm UQFN-10
2 Applications
•
Notebook Computers
•
Cell Phones
•
Battery-Powered Devices
•
Telecom Equipment
•
Power Management
•
Battery Chargers
3 Description
The INA190 series of devices are voltage-output,
current-shunt monitors (also called current-sense
amplifiers). These devices are commonly used for
overcurrent
protection,
precision
current
measurement for system optimization, or in closed-
loop feedback circuits. This series of devices can
sense
drops
across
shunts
at
common-mode
voltages from –0.2 V to +40 V, independent of the
supply voltage. Five fixed gains are available: 25 V/V,
50 V/V, 100 V/V, 200 V/V, or 500 V/V. The low input
bias current of the INA190 permits the use of larger
current-sense
resistors,
thus
providing
accurate
current measurements in the microamp range. The
low offset voltage of the zero-drift architecture
extends
the
dynamic
range
of
the
current
measurement. This feature allows for smaller sense
resistors with lower power loss, while still providing
accurate current measurements.
These devices operate from a single 1.7-V to 5.5-V
power supply, and draw a maximum of 65 µA of
supply current when enabled; only 0.1 µA when
disabled. All versions are specified over the extended
operating temperature range of –40°C to +125°C, and
offered in a UQFN package.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
INA190
UQFN (10)
1.80 mm × 1.40 mm
(1) For all available packages, see the package option addendum
at the end of the datasheet.
Simplified Schematic


Similar Part No. - INA190A2IRSWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA190A2IRSWR TI1-INA190A2IRSWR Datasheet
1Mb / 41P
Bidirectional, Low-Power, Zero-Drift, Wide Dynamic Range, Precision Current-Sense Amplifier With Enable
INA190A2IRSWR TI1-INA190A2IRSWR Datasheet
1Mb / 45P
INA190 Bidirectional, Low-Power, Zero-Drift, Wide Dynamic Range, Precision Current-Sense Amplifier With Enable
2019
INA190A2IRSWR TI2-INA190A2IRSWR Datasheet
1Mb / 48P
INA190 Bidirectional, Low-Power, Zero-Drift, Wide Dynamic Range, Precision Current-Sense Amplifier With Enable
REVISED NOVEMBER 2019
INA190A2IRSWR.A TI2-INA190A2IRSWR.A Datasheet
1Mb / 48P
INA190 Bidirectional, Low-Power, Zero-Drift, Wide Dynamic Range, Precision Current-Sense Amplifier With Enable
REVISED NOVEMBER 2019
More results

Similar Description - INA190A2IRSWR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA138 BURR-BROWN-INA138 Datasheet
69Kb / 7P
High-Side Measurement CURRENT SHUNT MONITOR
INA200 BURR-BROWN-INA200 Datasheet
285Kb / 19P
High-Side Measurement Current-Shunt Monitor with Comparator and Reference
INA200 BURR-BROWN-INA200_07 Datasheet
345Kb / 22P
High-Side Measurement Current-Shunt Monitor with Comparator and Reference
logo
Texas Instruments
INA138-Q1 TI1-INA138-Q1 Datasheet
1Mb / 19P
HIGH-SIDE MEASUREMENT CURRENT SHUNT MONITOR
logo
Burr-Brown (TI)
INA170 BURR-BROWN-INA170_12 Datasheet
549Kb / 13P
High-Side, Bidirectional CURRENT SHUNT MONITOR
logo
Texas Instruments
INA138NA250G4 TI1-INA138NA250G4 Datasheet
422Kb / 15P
High-Side Measurement CURRENT SHUNT MONITOR
INA139NA TI-INA139NA Datasheet
408Kb / 15P
High-Side Measurement CURRENT SHUNT MONITOR
INA220 TI1-INA220 Datasheet
1Mb / 36P
High- or Low-Side, Bidirectional Current and Power Monitor
INA139 TI1-INA139_17 Datasheet
950Kb / 25P
High-Side Measurement Current Shunt Monitor
INA170 TI1-INA170_17 Datasheet
583Kb / 15P
High-Side, Bidirectional CURRENT SHUNT MONITOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com