Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8983 Datasheet(PDF) 77 Page - Cirrus Logic

Part # WM8983
Description  Mobile Multimedia CODEC with 1W Speaker Driver
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8983 Datasheet(HTML) 77 Page - Cirrus Logic

Back Button WM8983 Datasheet HTML 73Page - Cirrus Logic WM8983 Datasheet HTML 74Page - Cirrus Logic WM8983 Datasheet HTML 75Page - Cirrus Logic WM8983 Datasheet HTML 76Page - Cirrus Logic WM8983 Datasheet HTML 77Page - Cirrus Logic WM8983 Datasheet HTML 78Page - Cirrus Logic WM8983 Datasheet HTML 79Page - Cirrus Logic WM8983 Datasheet HTML 80Page - Cirrus Logic WM8983 Datasheet HTML 81Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 129 page
background image
WM8983
Rev 4.6
77
OUTPUT PHASING
The relative phases of the analogue outputs will depend upon the following factors:
1.
DACLPOL and DACRPOL invert bits: Setting these bits to 1 will invert the DAC output.
2.
Mixer configuration: The polarity of the signal will depend upon the route through the mixer path.
For example, DACL can be directly input to the OUT3 mixer, giving a 180° phase shift at the
OUT3 mixer output. However, if DACL is input to the OUT3 mixer via the left mixer, an additional
phase shift will be introduced, giving 0° phase shift at the OUT3 mixer output.
3.
Output boost set-up: When 1.5x boost is enabled on an output, no phase shift occurs. When
1.5x boost is not enabled, a 180° phase shift occurs.
Figure 32 shows where these phase inversions can occur in the output signal path.
OUT3
LOUT1
ROUT1
LOUT2
ROUT2
OUT4
Boost
DAC
L
DAC
R
Bypass L
Bypass R
AUX L
AUX R
Phase depends on usage mode
No phase inversion
Phase inversion
Output Boost
stages will
invert in 1x
mode, not in
1.5x mode
DACs have
programmable
invert option
BTL
BTL Mode
adds an
extra stage
of inversion
Boost
Boost
Boost
+
OUT4
Mixer
+
OUT3
Mixer
+
Left
Mixer
+
Right
Mixer
Non-BTL
Figure 40 Output Signal Path Phasing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com