Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FH35C Datasheet(PDF) 5 Page - Hirose Electric

Part # FH35C
Description  0.3 mm pitch, 0.9 mm height, back flip type dual-sided FPC connector
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FH35C Datasheet(HTML) 5 Page - Hirose Electric

  FH35C Datasheet HTML 1Page - Hirose Electric FH35C Datasheet HTML 2Page - Hirose Electric FH35C Datasheet HTML 3Page - Hirose Electric FH35C Datasheet HTML 4Page - Hirose Electric FH35C Datasheet HTML 5Page - Hirose Electric FH35C Datasheet HTML 6Page - Hirose Electric FH35C Datasheet HTML 7Page - Hirose Electric FH35C Datasheet HTML 8Page - Hirose Electric FH35C Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
FH35C Series●0.3 mm pitch, 0.9 mm height, back flip type dual-sided FPC connector
■Recommended FPC Dimensions
■Recommended FPC Dimensions
Unit: mm
Product No.
HRS No.
No. of Contacts
B
C
F
FH35C-9S-0.3SHW(50)
CL580-2910-5-50
9
1.8
2.4
3
FH35C-11S-0.3SHW(50)
CL580-2917-4-50
11
2.4
3
3.6
FH35C-13S-0.3SHW(50)
CL580-2925-2-50
13
3
3.6
4.2
FH35C-15S-0.3SHW(50)
CL580-2919-0-50
15
3.6
4.2
4.8
FH35C-17S-0.3SHW(50)
CL580-2916-1-50
17
4.2
4.8
5.4
FH35C-19S-0.3SHW(50)
CL580-2921-1-50
19
4.8
5.4
6
FH35C-21S-0.3SHW(50)
CL580-2922-4-50
21
5.4
6
6.6
FH35C-23S-0.3SHW(50)
CL580-2911-8-50
23
6
6.6
7.2
FH35C-25S-0.3SHW(50)
CL580-2912-0-50
25
6.6
7.2
7.8
FH35C-27S-0.3SHW(50)
CL580-2918-7-50
27
7.2
7.8
8.4
FH35C-31S-0.3SHW(50)
CL580-2923-7-50
31
8.4
9
9.6
FH35C-33S-0.3SHW(50)
CL580-2913-3-50
33
9
9.6
10.2
FH35C-35S-0.3SHW(50)
CL580-2926-5-50
35
9.6
10.2
10.8
FH35C-37S-0.3SHW(50)
CL580-2914-6-50
37
10.2
10.8
11.4
FH35C-39S-0.3SHW(50)
CL580-2915-9-50
39
10.8
11.4
12
FH35C-41S-0.3SHW(50)
CL580-2924-0-50
41
11.4
12
12.6
FH35C-45S-0.3SHW(50)
CL580-2909-6-50
45
12.6
13.2
13.8
FH35C-49S-0.3SHW(50)
–––––––
49
13.8
14.4
15
FH35C-51S-0.3SHW(50)
CL580-2920-9-50
51
14.4
15
15.6
Note 6: FPC should be designed so that the dimension of N is 0.5 mm or more.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com