Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCM1246MF Datasheet(PDF) 7 Page - Sanken electric

Part # SCM1246MF
Description  High Voltage, High Current 3-Phase Motor Drivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SCM1246MF Datasheet(HTML) 7 Page - Sanken electric

Back Button SCM1246MF Datasheet HTML 3Page - Sanken electric SCM1246MF Datasheet HTML 4Page - Sanken electric SCM1246MF Datasheet HTML 5Page - Sanken electric SCM1246MF Datasheet HTML 6Page - Sanken electric SCM1246MF Datasheet HTML 7Page - Sanken electric SCM1246MF Datasheet HTML 8Page - Sanken electric SCM1246MF Datasheet HTML 9Page - Sanken electric SCM1246MF Datasheet HTML 10Page - Sanken electric SCM1246MF Datasheet HTML 11Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
7
SANKEN ELECTRIC CO., LTD.
SCM1240MDS-Rev. 5
High Voltage, High Current 3-Phase Motor Drivers
SCM1240M
High Side Switching Time
tdH(on)
SCM1241M
VDC = 300 V, VCC = 15 V, IC = 10 A, inductive
load; HIN = 0
5 V or 50 V
–
590
–
ns
trH
–80–
ns
trrH
–60–
ns
tdH(off)
–
550
–
ns
tfH
–90–
ns
tdH(on)
SCM1243MF
VDC = 300 V, VCC = 15 V, IC = 15 A, inductive
load; HIN = 0
5 V or 50 V
–
600
–
ns
trH
–70–
ns
trrH
–70–
ns
tdH(off)
–
620
–
ns
tfH
–60–
ns
tdH(on)
SCM1245MF
VDC = 300 V, VCC = 15 V, IC = 20 A, inductive
load; HIN = 0
5 V or 50 V
–
695
–
ns
trH
–95–
ns
trrH
–75–
ns
tdH(off)
–
675
–
ns
tfH
–55–
ns
tdH(on)
SCM1246MF
VDC = 300 V, VCC = 15 V, IC = 30 A, inductive
load; HIN = 0
5 V or 50 V
–
660
–
ns
trH
–
110
–
ns
trrH
–60–
ns
tdH(off)
–
700
–
ns
tfH
–50–
ns
ELECTRICAL CHARACTERISTICS, valid at TA=25°C, unless otherwise noted
Characteristics
Symbol
Conditions
Min
Typ
Max
Units
Continued on the next page…



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com