Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCM1246MF Datasheet(PDF) 12 Page - Sanken electric

Part # SCM1246MF
Description  High Voltage, High Current 3-Phase Motor Drivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SCM1246MF Datasheet(HTML) 12 Page - Sanken electric

Back Button SCM1246MF Datasheet HTML 8Page - Sanken electric SCM1246MF Datasheet HTML 9Page - Sanken electric SCM1246MF Datasheet HTML 10Page - Sanken electric SCM1246MF Datasheet HTML 11Page - Sanken electric SCM1246MF Datasheet HTML 12Page - Sanken electric SCM1246MF Datasheet HTML 13Page - Sanken electric SCM1246MF Datasheet HTML 14Page - Sanken electric SCM1246MF Datasheet HTML 15Page - Sanken electric SCM1246MF Datasheet HTML 16Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
12
SANKEN ELECTRIC CO., LTD.
SCM1240MDS-Rev. 5
High Voltage, High Current 3-Phase Motor Drivers
SCM1240M
Device composition complies with the RoHS directive.
Branding codes
(exact appearance at manufacturer discretion):
Section A, type: SCM124xMF or SCM1241M
Section B,
lot: YMDDT
Where: Y is the last digit of the year of manufacture
M is the month (1 to 9, O, N, D)
DD is the date
T is the tracking letter (A to Z)
Leadform: 2551 (SCM1241M: Fully molded) or
2552 (SCM1243MF, SCM1245MF, SCM1246MF:
Exposed copper thermal pad)
Dimensions in millimeters
The body shall be clean and shall not bear any stain, rust or flaw.
The type number and lot number shall be clearly stamped by
laser on the body so that cannot be erased easily.
PACKAGE OUTLINE DRAWING
(Top View)
(Bottom View)
8 x P5.1 = 40.8
5 x P1.27 = 6.35
5 x P1.27 = 6.35
5 x P1.27 = 6.35
1.27
3.7
3.7
3.7
2.57
1.27
1.27
3.24
47 ±0.3
Branding Area
43.3 ±0.3
Pin pitch measured at root
2.08 ±0.2
1.2 ±0.2
0.5
0.5
4.4 ±0.3
11.2 ±0.5
(5°)
(5°)
CC
A
JAPAN
B
A
A
B
B
2+0.5
0
2+0.2
–0.1
0.6+0.2
–0.1
0.7+0.2
–0.1
1.2+0.2
–0.1
Cu Thermal Pad
D
C–C
B–B
D
A–A
D–D
Two different types of marks
to be used:
Mark 1:
Mark 2:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com