Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC987LP5E Datasheet(PDF) 13 Page - Analog Devices

Part # HMC987LP5E
Description  LOW NOISE 1:9 FANOUT BUFFER DC - 8 GHz
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC987LP5E Datasheet(HTML) 13 Page - Analog Devices

Back Button HMC987LP5E Datasheet HTML 9Page - Analog Devices HMC987LP5E Datasheet HTML 10Page - Analog Devices HMC987LP5E Datasheet HTML 11Page - Analog Devices HMC987LP5E Datasheet HTML 12Page - Analog Devices HMC987LP5E Datasheet HTML 13Page - Analog Devices HMC987LP5E Datasheet HTML 14Page - Analog Devices HMC987LP5E Datasheet HTML 15Page - Analog Devices HMC987LP5E Datasheet HTML 16Page - Analog Devices HMC987LP5E Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
CloCk Distribution - sMt
C114
DEPOP
C113
DEPOP
C112
DEPOP
C111
DEPOP
C110
DEPOP
C109
DEPOP
C108
DEPOP
C6
4.7uF
VCCHF
J7
130-00080-00
SCH, EVALCUSTOMER
11/18/2010
B
1
1
D.YOUNG
HMC987LP5E
A
CP110719
-----
PRODUCTIONRELEASECP110719
V.VADUVA
05/25/11
06/23/11
D. ACEVAL
CHANGER32,R35,R36,R63,R38,R39,R41,R42,R44,R45,R47,R48,R49,R50,R51,R52,R53,R54,R56,R57CP110885
CP110885
B
29-06-2011_13:34
----
20AlphaRd Chelmsford, MA01824
HITTITEMICROWAVECORPORATION
A
B
A
B
4
3
2
1
OF
3
2
1
DRAWNBY
DATE
CODEIDNO.
SIZE
REV
1CN88
REVISIONS
TITLE
DRAWING#:
PROJECT
C
SHEET
REV
ECN#
ZONE
NAME
DATE
DESCRIPTION
C
C
D
D
5
6
5
6
4
NC
NC
NC
C21
0.1uF
J30
SSW-106-01-T-D
9
11
1
3
5
7
2
4
6
8
10
12
TP2
TP1
J11
VCCB
VCCA
VCCRF
J26
J19
J14
J1
J2
J25
C22
0.1uF
J23
J29
J27
J24
J22
C17
DEPOP
C31
DEPOP
C32
DEPOP
C39
DEPOP
C49
DEPOP
J20
C20
DEPOP
C52
DEPOP
C42
DEPOP
C74
DEPOP
C93
DEPOP
C65
DEPOP
C61
DEPOP
C75
DEPOP
C66
DEPOP
C87
DEPOP
C76
DEPOP
C23
DEPOP
C33
DEPOP
C24
DEPOP
C34
DEPOP
C26
DEPOP
C36
DEPOP
C95
DEPOP
C73
DEPOP
C72
DEPOP
C71
DEPOP
C80
DEPOP
C82
DEPOP
C90
DEPOP
C91
DEPOP
C60
DEPOP
C64
DEPOP
C63
DEPOP
C70
DEPOP
C68
DEPOP
C78
DEPOP
C43
DEPOP
C44
DEPOP
C46
DEPOP
C58
DEPOP
C56
DEPOP
C55
DEPOP
R33
DEPOP
R34
DEPOP
J12
J28
J21
J17
J18
J15
J13
J3
J4
R31
DEPOP
J5
J6
J8
J10
C4
0.1uF
VCCB
VCCA
VCCRF
C101
100pF
VCCHF
C54
0.1uF
C102
100pF
C53
0.1uF
C100
100pF
C5
100pF
C3
4.7uF
J9
R5
200K
R6
200K
R8
200K
R9
200K
R10
200K
R7
200K
R2
200K
VCCRF
NC
U1
HMC976LP3E
1
2
3
4
12
11
10
9
VR
VRX
REF
RD
EN
BAND
GAP
400
NC
NC
NC
C1
0.1uF
C2
4.7uF
HMC987LP5E
U2
24
6
1
8
7
2
5
4
3
17
18
19
20
21
22
23
OUTP3
OUTN4
OUTP4
OUTP5
OUTN5
OUTP6
OUTN6
CLKN
SDI
SDO
CLKP
RFOUTP
RFOUTN
VCCHF
PMODE_SEL
OUTN3
SPI
C106
DEPOP
C105
DEPOP
R63
1K
0
R4
0
R1
C10
100pF
C12
100pF
R11
0
R13
0
R14
0
DEPOP
R32
R12
0
DEPOP
R35
DEPOP
R36
R41
200
C83
DEPOP
C84
DEPOP
C18
100pF
C16
100pF
C28
100pF
C48
100pF
C50
100pF
C40
100pF
R47
200
C41
DEPOP
C51
DEPOP
C38
100pF
C79
100pF
C62
100pF
C69
100pF
C88
100pF
C81
100pF
C92
100pF
C98
100pF
C99
100pF
C96
100pF
C94
100pF
R53
200
C85
100pF
C86
100pF
C67
100pF
C97
100pF
R50
200
C77
100pF
C47
100pF
C59
100pF
C37
100pF
C27
100pF
C7
0.1uF
R62
0
C104
DEPOP
C103
DEPOP
C89
100pF
C9
DEPOP
C13
DEPOP
C8
DEPOP
C11
DEPOP
R25
0
R61
DEPOP
R3
82K
R17
0
R16
0
R15
0
R21
0
R23
0
R24
0
R26
0
R29
0
R30
0
R20
0
R19
0
R18
0
R22
0
C25
100pF
C35
100pF
C14
100pF
C15
100pF
C57
100pF
C45
100pF
R39
200
R40
0
R42
200
R48
200
R45
200
R46
0
C29
DEPOP
R44
200
R43
0
R55
0
R49
200
R51
200
R59
0
R52
200
R56
200
R57
200
R54
200
R58
0
R27
0
R28
0
R60
0
J16
R38
200
R37
0
C19
DEPOP
C30
100pF
C107
DEPOP
SDO
SEN
CEN
RFBUF_EN
PMOD_SEL
SDI
SCK
HEADERTOUSBBOARD
OUT5-P
OUT5-N
OUT6-P
OUT6-N
OUT7-N
OUT7-P
OUT8-N
OUT8-P
OUT2-P
OUT2-N
OUT1-N
OUT1-P
CLK-N
CLK-P
GND
+5V
MAX
350mA
3.3V
RFOUT-P
RFOUT-N
OUT3-P
OUT3-N
OUT4-N
OUT4-P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com