Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC987LP5E Datasheet(PDF) 21 Page - Analog Devices

Part # HMC987LP5E
Description  LOW NOISE 1:9 FANOUT BUFFER DC - 8 GHz
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC987LP5E Datasheet(HTML) 21 Page - Analog Devices

Back Button HMC987LP5E Datasheet HTML 16Page - Analog Devices HMC987LP5E Datasheet HTML 17Page - Analog Devices HMC987LP5E Datasheet HTML 18Page - Analog Devices HMC987LP5E Datasheet HTML 19Page - Analog Devices HMC987LP5E Datasheet HTML 20Page - Analog Devices HMC987LP5E Datasheet HTML 21Page - Analog Devices HMC987LP5E Datasheet HTML 22Page - Analog Devices HMC987LP5E Datasheet HTML 23Page - Analog Devices HMC987LP5E Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
21
HMC987LP5E
v03.1112
LOW NOISE 1:9 FANOUT BUFFER
DC - 8 GHz
An example of the two cycle procedure to read from any random address is as follows:
the Master (host), on the irst 9 falling edges of sClk places 9 bit data, d8:d0, Msb irst, on sDi as shown in
Figure 39. d8:d0 should be set to zero. d3:d0 = address of the register to be rEAD on the next cycle.
a.
the slave () shifts in data on sDi on the irst 9 rising edges of sClk
b.
Master places 4 bit register address , r3:r0, ( the address the WritE ADDrEss register), Msb irst, on the
next 4 falling edges of sClk (10-13). r3:r0=0000.
c.
slave shifts the register bits on the next 4 rising edges of sClk (10-13).
d.
Master places 3 bit chip address, a2:a0, Msb irst, on the next 3 falling edges of sClk (14-16). the chip
address is ixed at 001.
e.
slave shifts the chip address bits on the next 3 rising edges of sClk (14-16).
f.
Master asserts sEn after the 16th rising edge of sClk.
g.
slave registers the sDi data on the rising edge of sEn.
h.
Master clears sEn to complete the address transfer of the two part rEAD cycle.
i.
if we do not wish to write data to the chip at the same time as we do the second cycle , then it is
recommended to simply rewrite the same contents on sDi to register zero on the rEAD back part of the
cycle.
j.
Master places the same sDi data as the previous cycle on the next 16 falling edges of sClk.
k.
slave () shifts the sDi data on the next 16 rising edges of sClk.
l.
slave places the desired data (i.e. data from address in reg00h[3:0]) on sDo on the next 16 rising edges of
sClk.
m. Master asserts sEn after the 16th rising edge of sClk to complete the cycle.
note that if the chip address bits are unrecognized (a2:a0), the slave will tri-state the sDo output to prevent a possible
bus contention issue.
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com