Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC1035LP6GE Datasheet(PDF) 13 Page - Analog Devices

Part # HMC1035LP6GE
Description  HigH Performance, 3.3 V clock generator 25 - 2500 mHz
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC1035LP6GE Datasheet(HTML) 13 Page - Analog Devices

Back Button HMC1035LP6GE Datasheet HTML 9Page - Analog Devices HMC1035LP6GE Datasheet HTML 10Page - Analog Devices HMC1035LP6GE Datasheet HTML 11Page - Analog Devices HMC1035LP6GE Datasheet HTML 12Page - Analog Devices HMC1035LP6GE Datasheet HTML 13Page - Analog Devices HMC1035LP6GE Datasheet HTML 14Page - Analog Devices HMC1035LP6GE Datasheet HTML 15Page - Analog Devices HMC1035LP6GE Datasheet HTML 16Page - Analog Devices HMC1035LP6GE Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
13
HMC1035LP6GE
v02.0614
HigH Performance, +3.3 V clock generator
25 - 2500 mHz
1.1
Serial Port
1.1.1
Serial Port modes of operation
the HMC1035lP6Ge serial port interface can operate in two different modes of operation.
a. HMCsPI HMC Mode (HMC legacy Mode) - single slave per HMCsPI Bus
b. HMCsPI open Mode - Up to 8 slaves per HMCsPI Bus.
Both Modes support 5-bits of register address space. HMC Mode can support up to 6 bits of register
address.
register 0 has a dedicated function in each mode. open Mode allows wider compatibility with other
manufacturers sPI protocols.
register 0 comparison - Single vs multi-User modes
Single User
HMC Mode
Multi-User
Open Mode
reaD
Chip ID
24-bits
Chip ID 24-bits
WRITE
soft reset,
General strobes
read address [4:0]
soft reset [5]
General strobes [23:6]
1.1.2
HmcSPi Protocol Decision after Power-on reset
on power up both types of modes are active and listening.
a decision to select the desired sPI protocol is made on the irst occurrence of sen or sClk following a
hard reset, after which the protocol is ixed and only changeable by cycling the power oFF and on.
a. If a rising edge on sen is detected irst HMC Mode is selected.
b. If a rising edge on sClk is detected irst open mode is selected.
1.1.3
Serial Port Hmc mode - Single Pll
HMC Mode (legacy Mode) serial port operation can only address and talk to a single Pll, and is compatible
with most Hittite Plls and Plls with Integrated VCos.
the HMC Mode protocol, shown in Figure 24 and, Figure 25 is designed for a 4 wire interface with a ixed
protocol featuring
a. 1 read/Write bit
b. 6 address bits
c. 24 data bits
d. 3 wire for Write only, 4 wire for read/Write capability
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com