Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC1035LP6GE Datasheet(PDF) 25 Page - Analog Devices

Part # HMC1035LP6GE
Description  HigH Performance, 3.3 V clock generator 25 - 2500 mHz
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC1035LP6GE Datasheet(HTML) 25 Page - Analog Devices

Back Button HMC1035LP6GE Datasheet HTML 21Page - Analog Devices HMC1035LP6GE Datasheet HTML 22Page - Analog Devices HMC1035LP6GE Datasheet HTML 23Page - Analog Devices HMC1035LP6GE Datasheet HTML 24Page - Analog Devices HMC1035LP6GE Datasheet HTML 25Page - Analog Devices HMC1035LP6GE Datasheet HTML 26Page - Analog Devices HMC1035LP6GE Datasheet HTML 27Page - Analog Devices HMC1035LP6GE Datasheet HTML 28Page - Analog Devices HMC1035LP6GE Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 39 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
25
HMC1035LP6GE
v02.0614
HigH Performance, +3.3 V clock generator
25 - 2500 mHz
1.9.3
Declaration of lock:
the lock Detect Flag status is always readable in reg 12h[1], if locked = 1. lock Detect status is also output to the
lD_sDo pin according to reg 0Fh[4:0]=1. again, if locked, lD_sDo will be high. Clearing reg 0Fh[6]=0 will display
the lock Detect Flag on lD_sDo except when a serial port read is requested, in which case the pin reverts temporar-
ily to the serial Data out pin, and returns to the lock Detect Flag after the read is completed.
1.9.4
reg 07h lock Detect register
(Default 00014Dh)
Bit
Type
Name
Width
Default
Description
[2:0]
r/W
lkd_wincnt_max
3
5d
lock detect window
sets the number of consecutive counts of divided VCo
that must land inside the lock Detect Window to declare
loCk
0: 5
1: 32
2: 96
3: 256
4: 512
5: 2048
6: 8192
7: 65535
[3]
r/W
enable Internal lock Detect
1
1
1: enabled
[5:4]
r/W
reserved
2
0
reserved
[6]
r/W
lock Detect Window type
1
1
lock Detection Window timer selection
1: Digital programmable timer
0: analog one shot, nominal 10 ns window
[9:7]
r/W
lD Digital Window duration
3
2
0 lock Detection - Digital Window Duration
0: 1/2 cycle
1: 1 cycle
2: 2 cycles
3: 4 cycles
4: 8 cycles
5: 16 cycles
6: 32 cycles
7: 64 cycles
[11:10]
r/W
lD Digital timer Frequency
Control
2
0
lock Detect Digital timer Frequency Control “00” fastest,
“11” slowest
[12]
r/W
reserved
1
0
reserved
[13]
r/W
reserved
1
0
reserved
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com