Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC6955 Datasheet(PDF) 6 Page - Analog Devices

Part # LTC6955
Description  Ultralow Jitter, 7.5GHz 11 Output Fanout Buffer Family
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6955 Datasheet(HTML) 6 Page - Analog Devices

Back Button LTC6955 Datasheet HTML 2Page - Analog Devices LTC6955 Datasheet HTML 3Page - Analog Devices LTC6955 Datasheet HTML 4Page - Analog Devices LTC6955 Datasheet HTML 5Page - Analog Devices LTC6955 Datasheet HTML 6Page - Analog Devices LTC6955 Datasheet HTML 7Page - Analog Devices LTC6955 Datasheet HTML 8Page - Analog Devices LTC6955 Datasheet HTML 9Page - Analog Devices LTC6955 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
LTC6955
6
Rev 0
For more information www.analog.com
Preliminary Technical Data
Advance Product Information Subject to Change
Rev PrA
TYPICAL PERFORMANCE CHARACTERISTICS
TA = 25°C. VD+ = VIN+ = VOUT+ = 3.3V, unless otherwise noted.
LTC6955 Supply Current
vs Junctiion Temperature
and Voltage
LTC6955 Supply Current
vs Voltage and SEL Setting
LTC6955-1 Supply Current
vs Junction Temperature and
Voltage
LTC6955-1 Supply Current
vs Voltage and SEL Setting
Propagation Delay vs Frequency,
Junction Temperature
LTC6955 and LTC6955-1
Propagation Delay Variation,
Input to OUT5
FILT = GND
125°C
70°C
25°C
–40°C
FREQUENCY (GHz)
0
1
2
3
4
5
6
7
180
190
200
210
220
230
240
250
260
270
280
6955 G10
NOTE 10
fIN = 200MHz
FILT = GND
TPD (ps)
210
215
220
225
230
0
100
200
300
400
500
600
700
6955 G11
ALL OUTPUTS ON
3.15V
3.3V
3.45V
TJ (°C)
–40 –20
0
20
40
60
80
100 120
350
365
380
395
410
425
440
455
470
485
500
6955 G12
NOTE 3
3.15V
3.30V
3.45V
SEL SETTING
0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15
0
50
100
150
200
250
300
350
400
450
500
6955 G13
ALL OUTPUTS ON
3.15V
3.3V
3.45V
TJ (°C)
–40 –20
0
20
40
60
80
100 120
350
365
380
395
410
425
440
455
470
485
500
6955 G14
3.15V
3.3V
3.45V
SEL SETTING
0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15
0
50
100
150
200
250
300
350
400
450
500
6955 G15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com