Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FX3-MOC000000 Datasheet(PDF) 3 Page - SICK AG

Part # FX3-MOC000000
Description  SAFETY CONTROLLERS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

FX3-MOC000000 Datasheet(HTML) 3 Page - SICK AG

  FX3-MOC000000 Datasheet HTML 1Page - SICK AG FX3-MOC000000 Datasheet HTML 2Page - SICK AG FX3-MOC000000 Datasheet HTML 3Page - SICK AG FX3-MOC000000 Datasheet HTML 4Page - SICK AG FX3-MOC000000 Datasheet HTML 5Page - SICK AG FX3-MOC000000 Datasheet HTML 6Page - SICK AG FX3-MOC000000 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
FX3-MOC000000 | Flexi Soft
SAFETY CONTROLLERS
Safe speed monitoring (SSM)
Safely-limited speed (SLS)
Safe direction (SDI)
Safe brake control (SBC)
Interfaces
Encoder interface
A/B incremental encoder, TTL
A/B incremental encoder, HTL 12 V or 24 V
A/B incremental encoder, RS-422
Sin/cos encoder
SSI encoder (master / listener)
Connection type
Male connector, Micro D-Sub, 15-pin
Data interface
Internal bus (FLEXBUS+)
Electrical data
Protection class
III (EN 61140)
Voltage supply
Via FLEXBUS+
Internal power consumption
≤ 2.5 W 1)
A/B incremental encoder, TTL, 2 outputs
Differential input voltage HIGH 5 V (2 V ... 5.3 V) 2)
Differential input voltage LOW 0 V (–0.3 V ... 0.8 V) 2)
Input voltage –5 V ... 10 V 3)
Input frequency ≤ 300 kHz
Input resistance ≥ 35 kΩ
A/B incremental encoder, TTL, 2 pairs of
outputs
Differential input voltage HIGH 5 V (1.2 V ... 5.6 V) 2)
Differential input voltage LOW –5 V (–5.6 V ... –1.2 V) 2)
Input voltage –5 V ... 10 V 3)
Input frequency ≤ 300 kHz
Input resistance ≥ 35 kΩ
A/B incremental encoder, HTL 12 V, 2 out-
puts
Differential input voltage HIGH 12 V (6.5 V ... 15 V) 2)
Differential input voltage LOW 0 V (–1 V ... 2.5 V) 2)
Input voltage –5 V ... 20 V 3)
Input frequency ≤ 300 kHz
Input resistance ≥ 35 kΩ
A/B incremental encoder, HTL 12 V, 2 pairs
of outputs
Differential input voltage HIGH 12 V (4 V ... 15 V) 2)
Differential input voltage LOW –12 V (–15 V ... –4 V) 2)
Input voltage –5 V ... 20 V 3)
1) Via FLEXBUS+, without streams at analog inputs.
2) Voltage between ENCx_y+ and ENCx_y–.
3) Voltage between ENCx_y+ and ENC_0V and between ENCx_y– and ENC_0V.
4) Peak to peak voltage between ENCx_y+ and ENCx_y–.
2018-09-17 16:53:32 | Online data sheet
Subject to change without notice
SENS:CONTROL - SAFE CONTROL SOLUTIONS | SICK
3



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com