Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FX3-MOC000000 Datasheet(PDF) 4 Page - SICK AG

Part # FX3-MOC000000
Description  SAFETY CONTROLLERS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

FX3-MOC000000 Datasheet(HTML) 4 Page - SICK AG

  FX3-MOC000000 Datasheet HTML 1Page - SICK AG FX3-MOC000000 Datasheet HTML 2Page - SICK AG FX3-MOC000000 Datasheet HTML 3Page - SICK AG FX3-MOC000000 Datasheet HTML 4Page - SICK AG FX3-MOC000000 Datasheet HTML 5Page - SICK AG FX3-MOC000000 Datasheet HTML 6Page - SICK AG FX3-MOC000000 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
FX3-MOC000000 | Flexi Soft
SAFETY CONTROLLERS
Input frequency ≤ 300 kHz
Input resistance ≥ 35 kΩ
A/B incremental encoder, HTL 24 V, 2 out-
puts
Differential input voltage HIGH 24 V (13 V ... 30 V) 2)
Differential input voltage LOW 0 V (–3 V ... 5 V) 2)
Input voltage –10 V ... 40 V 3)
Input frequency ≤ 300 kHz
Input resistance ≥ 35 kΩ
A/B incremental encoder, HTL 24 V, 2 pairs
of outputs
Differential input voltage HIGH 24 V (8 V ... 30 V) 2)
Differential input voltage LOW –24 V (–30 V ... –8 V) 2)
Input voltage –10 V ... 40 V 3)
Input frequency ≤ 300 kHz
Input resistance ≥ 35 kΩ
A/B incremental encoder, RS-422
Differential input voltage HIGH 0.2 V ... 5 V 2)
Differential input voltage LOW –5 V ... –0.2 V 2)
Input voltage –7 V ... 7 V 3)
Input frequency ≤ 1,000 kHz
Input resistance ≥ 35 kΩ
Differential resistance 120 Ω (100 Ω ... 150 Ω)
Sin/cos encoder
Differential input voltage 1 V (0.8 V ... 1.2 V) 4)
Input voltage 0 V ... 5 V 3)
Input frequency ≤ 120 kHz
Input resistance 1 kΩ (0.9 kΩ ... 1.1 kΩ)
Voltage monitoring, lower limit for vector length
monitoring
0.5 V
Voltage monitoring, upper limit for vector length
monitoring
1.5 V
SSI encoder (master / listener)
Differential resistance 120 Ω (100 Ω ... 150 Ω)
Clock frequency 100 kHz ... 1,000 kHz
Cycle gaps between the data packages
(monoflop time)
≥ 100 µs
Position data bits per frame 16 ... 62
1) Via FLEXBUS+, without streams at analog inputs.
2) Voltage between ENCx_y+ and ENCx_y–.
3) Voltage between ENCx_y+ and ENC_0V and between ENCx_y– and ENC_0V.
4) Peak to peak voltage between ENCx_y+ and ENCx_y–.
4
SENS:CONTROL - SAFE CONTROL SOLUTIONS | SICK
Online data sheet | 2018-09-17 16:53:32
Subject to change without notice



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com