Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9523BCPZ Datasheet(PDF) 8 Page - Analog Devices

Part # AD9523BCPZ
Description  Jitter Cleaner and Clock Generator
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9523BCPZ Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9523BCPZ Datasheet HTML 4Page - Analog Devices AD9523BCPZ Datasheet HTML 5Page - Analog Devices AD9523BCPZ Datasheet HTML 6Page - Analog Devices AD9523BCPZ Datasheet HTML 7Page - Analog Devices AD9523BCPZ Datasheet HTML 8Page - Analog Devices AD9523BCPZ Datasheet HTML 9Page - Analog Devices AD9523BCPZ Datasheet HTML 10Page - Analog Devices AD9523BCPZ Datasheet HTML 11Page - Analog Devices AD9523BCPZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 60 page
background image
AD9523
Data Sheet
Rev. D | Page 8 of 60
TIMING ALIGNMENT CHARACTERISTICS
Table 10.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
OUTPUT TIMING SKEW
Delay off on all outputs; maximum deviation between rising
edges of outputs; all outputs are on, unless otherwise noted
Between Outputs in Same Group1
LVPECL, HSTL, and LVDS
Between LVPECL, HSTL, and LVDS
Outputs
30
183
ps
CMOS
Between CMOS Outputs
100
300
ps
Single-ended true phase high-Z mode
Mean Delta Between Groups1
50
Adjustable Delay
0
63
Steps
Resolution step; for example, 8 × 0.5/1 GHz
Resolution Step
500
ps
½ period of 1 GHz
Zero Delay
Between Input Clock Edge on REFA or
REFB to ZD_IN Input Clock Edge,
External Zero Delay Mode
150
500
ps
PLL1 settings: PFD = 7.68 MHz, ICP = 63.5 µA, RZERO = 10 kΩ,
antibacklash pulse width is at maximum, BW = 40 Hz, REFA
and ZD_IN are set to differential mode
1 There are three groups of outputs. They are as follows: the top outputs group: OUT0, OUT1, OUT2, OUT3; the right outputs group: OUT4, OUT5, OUT6, OUT7, OUT8,
OUT9; and the bottom outputs group: OUT10, OUT11, OUT12, OUT13.
JITTER AND NOISE CHARACTERISTICS
Table 11.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
OUTPUT ABSOLUTE RMS TIME JITTER
Application example based on a typical setup (see Table 3);
f = 122.88 MHz
LVPECL Mode, HSTL Mode, LVDS Mode
125
fs
Integrated BW = 200 kHz to 5 MHz
136
fs
Integrated BW = 200 kHz to 10 MHz
169
fs
Integrated BW = 12 kHz to 20 MHz
212
fs
Integrated BW = 10 kHz to 61 MHz
223
fs
Integrated BW = 1 kHz to 61 MHz
PLL2 CHARACTERISTICS
Table 12.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
VCO (ON CHIP)
Frequency Range
3600
4000
MHz
Gain
45
MHz/V
PLL2 FIGURE OF MERIT (FOM)
−226
dBc/Hz
MAXIMUM PFD FREQUENCY
Antibacklash Pulse Width
High is the initial PLL2 antibacklash pulse
width setting. The user must program
Register 0x0F2[4] = 1b to enable SPI control of
the antibacklash pulse width to the setting
defined in Register 0x0F2[3:2] and Table 47.
Minimum
259
MHz
Low
200
MHz
High
135
MHz
Maximum
80
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com