Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9523BCPZ Datasheet(PDF) 12 Page - Analog Devices

Part # AD9523BCPZ
Description  Jitter Cleaner and Clock Generator
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9523BCPZ Datasheet(HTML) 12 Page - Analog Devices

Back Button AD9523BCPZ Datasheet HTML 8Page - Analog Devices AD9523BCPZ Datasheet HTML 9Page - Analog Devices AD9523BCPZ Datasheet HTML 10Page - Analog Devices AD9523BCPZ Datasheet HTML 11Page - Analog Devices AD9523BCPZ Datasheet HTML 12Page - Analog Devices AD9523BCPZ Datasheet HTML 13Page - Analog Devices AD9523BCPZ Datasheet HTML 14Page - Analog Devices AD9523BCPZ Datasheet HTML 15Page - Analog Devices AD9523BCPZ Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 60 page
background image
AD9523
Data Sheet
Rev. D | Page 12 of 60
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
LDO_PLL1
VDD3_PLL1
REFA
REFA
REFB
REFB
LF1_EXT_CAP
OSC_CTRL
OSC_IN
OSC_IN
LF2_EXT_CAP
LDO_PLL2
VDD3_PLL2
LDO_VCO
PD
REF_SEL
17
SYNC
18
VDD3_REF
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
VDD1.8_OUT[4:5]
OUT4
OUT4
VDD3_OUT[4:5]
OUT5
OUT5
VDD1.8_OUT[6:7]
OUT6
OUT6
VDD3_OUT[6:7]
OUT7
OUT7
VDD1.8_OUT[8:9]
OUT8
OUT8
VDD3_OUT[8:9]
OUT9
OUT9
PIN 1
INDICATOR
AD9523
(TOP VIEW)
NOTES
1. PINS LABELED NC CAN BE ALLOWED TO FLOAT, BUT IT IS BETTER TO CONNECT THESE PINS TO GROUND.
AVOID ROUTING HIGH SPEED SIGNALS THROUGH THESE PINS BECAUSE NOISE COUPLING MAY RESULT.
ON EXISTING PCB DESIGNS, IT ISACCEPTABLE TO LEAVE PIN 69 CONNECTED TO 1.8V SUPPLY.
2. THE EXPOSED PADDLE IS THE GROUND CONNECTION ON THE CHIP. IT MUST BE SOLDERED TO THE
ANALOG GROUND OF THE PCB TO ENSURE PROPER FUNCTIONALITY AND HEAT DISSIPATION, NOISE, AND
MECHANICAL STRENGTH BENEFITS.
Figure 2. Pin Configuration
Table 19. Pin Function Descriptions
Pin
No.
Mnemonic
Type1
Description
1
LDO_PLL1
P/O
1.8 V Internal LDO Regulator Decoupling Pin for PLL1. Connect a 0.47 µF decoupling capacitor from
this pin to ground. Note that, for best performance, the LDO bypass capacitor must be placed in
close proximity to the device.
2
VDD3_PLL1
P
3.3 V Supply PLL1. Use the same supply as VCXO.
3
REFA
I
Reference Clock Input A. Along with REFA, this pin is the differential input for the PLL reference.
Alternatively, this pin can be programmed as a single-ended 3.3 V CMOS input.
4
REFA
I
Complementary Reference Clock Input A. Along with REFA, this pin is the differential input for the
PLL reference. Alternatively, this pin can be programmed as a single-ended 3.3V CMOS input.
5
REFB
I
Reference Clock Input B. Along with REFB, this pin is the differential input for the PLL reference.
Alternatively, this pin can be programmed as a single-ended 3.3 V CMOS input.
6
REFB
I
Complementary Reference Clock Input B. Along with REFB, this pin is the differential input for the PLL
reference. Alternatively, this pin can be programmed as a single-ended 3.3 V CMOS input.
7
LF1_EXT_CAP
O
PLL1 External Loop Filter Capacitor. Connect a loop filter capacitor to this pin and to ground.
8
OSC_CTRL
O
Oscillator Control Voltage. Connect this pin to the voltage control pin of the external oscillator.
9
OSC_IN
I
PLL1 Oscillator Input. Along with OSC_IN, this pin is the differential input for the PLL reference.
Alternatively, this pin can be programmed as a single-ended 3.3 V CMOS input.
10
OSC_IN
I
Complementary PLL1 Oscillator Input. Along with OSC_IN, this pin is the differential input for the PLL
reference. Alternatively, this pin can be programmed as a single-ended 3.3 V CMOS input.
11
LF2_EXT_CAP
O
PLL2 External Loop Filter Capacitor Connection. Connect a capacitor to this pin and LDO_VCO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com