Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLX90621 Datasheet(PDF) 31 Page - Melexis Microelectronic Systems

Part # MLX90621
Description  16x4 IR array
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90621 Datasheet(HTML) 31 Page - Melexis Microelectronic Systems

Back Button MLX90621 Datasheet HTML 27Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 28Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 29Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 30Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 31Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 32Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 33Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 34Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 35Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 44 page
background image
MLX90621
16x4 IR array
Datasheet
39001090621
Page 31 of 44
Datasheet IR16x4
Rev 3.0
15 September 2016
Communication to IR array
9.4.
Start measurement command
9.4.1.
Opcode – 0x01 (LSByte), 0x08 (MSByte).
This command is used to start measurement cycle in step mode.
Figure 22: Start measurement command structure
Read command
9.4.2.
Opcode – 0x02.
The read command is used to read measurement, configuration and other data from the chip to the external master.
The read command has the following parameters:
-
Start address – 8bits. Address in the chip address space (0 to 255). It is the address of the first word read.
-
Address step – 8bits. On every read word the next address is formed by adding the address step to the current
address.
-
Number of reads – 8bits. Number of the words to be read.
Different combinations are possible in order to read all, one line, one column, one exact pixel of the IR or Ta sensors.
They are summarized in the table below:
Sensors read
Start address
Address step
Number of reads
All IR
0x00
0x01
0x40
One line IR(i)
i
0x04
0x10
One column IR(j)
j*0x04
0x01
0x04
One pixel IR(i,j)
I + j*0x04
0x00
0x01
Table 20 RAM readout options
Figure 23: RAM readout command structure
S
T
A
R
T
A
C
K
0
Slave address
A
C
K
Start Meas
LSByte Opcode
S
T
O
P
A
C
K
Start Meas
MSByte Opcode
S
T
A
R
T
A
C
K
0
Slave address
A
C
K
Read Opcode
S
T
O
P
A
C
K
A
C
K
A
C
K
Start address
parameter
Address step
parameter
Number reads
parameter
S
T
A
R
T
A
C
K
A
C
K
Read Word0
LSByte
Slave address
1
A
C
K
Read Word0
MSByte
A
C
K
Read WordN
LSByte
A
C
K
Read WordN
MSByte
Read N 16bit words



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com