Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLX80002 Datasheet(PDF) 2 Page - Melexis Microelectronic Systems

Part # MLX80002
Description  Enhanced Universal Dual/Quad LIN Transceiver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX80002 Datasheet(HTML) 2 Page - Melexis Microelectronic Systems

  MLX80002 Datasheet HTML 1Page - Melexis Microelectronic Systems MLX80002 Datasheet HTML 2Page - Melexis Microelectronic Systems MLX80002 Datasheet HTML 3Page - Melexis Microelectronic Systems MLX80002 Datasheet HTML 4Page - Melexis Microelectronic Systems MLX80002 Datasheet HTML 5Page - Melexis Microelectronic Systems MLX80002 Datasheet HTML 6Page - Melexis Microelectronic Systems MLX80002 Datasheet HTML 7Page - Melexis Microelectronic Systems MLX80002 Datasheet HTML 8Page - Melexis Microelectronic Systems MLX80002 Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
MLX80002/MLX80004
Enhanced Universal Dual/Quad LIN Transceiver
Datasheet
Revision 021 – Sept 2016
Page 2 of 38
3. General Description
The MLX80004(2) is a quad/dual LIN transceiver physical layer device for a single wire data link capable of operating in
applications using baud rates up to 20kBd. It is compliant to LIN2.x as well as to the SAE J2602 specifications. The IC
furthermore can be used in ISO9141 systems. The MLX80004 is functionally compatible to the MLX80001 quad master
LIN transceiver.
The device is flexible for use in LIN – master applications and slave applications as well.
Due to the integrated master termination and the high ESD/EMC robustness of the device a minimum space and
number of external components is required.
The number of LIN – channels can be easily adapted on the application requirements by combinations of quad and dual
channel devices within the same foot print.
Because of the very low power consumption of the MLX80004 while being in sleep mode it’s suitable for ECU
applications with hard standby current requirements. The implemented high resistive LIN - termination in sleep mode as
well as the RxD dominant time-out feature allows a comfortable handling of LIN short circuits to GND.
In order to reduce the power consumption in case of failure modes, the integrated sleep timer takes care for switching
the IC into the most power saving sleep mode after Power-On or Wake-Up events are not followed by a mode change
response of the microcontroller.
The MLX80004/2 has an improved EMI performance and ESD robustness according to the OEM Common Hardware
Requirements for LIN in Automotive Applications Rev.1.2.
By using the MODE0/1 pins the application can be easily adapted on the required baud rate in order to optimize the
EMC emissions. A high speed Flash Mode with disabled slew rate control is available as well.
To fulfill different OEM requirements, the integrated master termination can be disabled and external master resistors
and decoupling diodes can be used. In this mode the MLX80004/2 can be used in slave applications as well.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com