Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLX80002 Datasheet(PDF) 21 Page - Melexis Microelectronic Systems

Part # MLX80002
Description  Enhanced Universal Dual/Quad LIN Transceiver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX80002 Datasheet(HTML) 21 Page - Melexis Microelectronic Systems

Back Button MLX80002 Datasheet HTML 17Page - Melexis Microelectronic Systems MLX80002 Datasheet HTML 18Page - Melexis Microelectronic Systems MLX80002 Datasheet HTML 19Page - Melexis Microelectronic Systems MLX80002 Datasheet HTML 20Page - Melexis Microelectronic Systems MLX80002 Datasheet HTML 21Page - Melexis Microelectronic Systems MLX80002 Datasheet HTML 22Page - Melexis Microelectronic Systems MLX80002 Datasheet HTML 23Page - Melexis Microelectronic Systems MLX80002 Datasheet HTML 24Page - Melexis Microelectronic Systems MLX80002 Datasheet HTML 25Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
MLX80002/MLX80004
Enhanced Universal Dual/Quad LIN Transceiver
Datasheet
Revision 021 – Sept 2016
Page 21 of 38
8.7. Master / Slave configuration
The target applications of the MLX80004/2 are BCM master modules with multiple LIN channels. In order to be able to
use the same module for a wide variety of applications with different stages of extension, a space efficient and cost
effective adaptation on the number of LIN channels is desired.
The MLX80004/2 device family offers the combination of quad and dual channel LIN transceiver within the same
advanced package and a compatible foot print.
By the integration of the LIN master-termination (decoupling diode and 1K resistor) the external circuitry can be
minimized in terms of space as well as BOM (bill of material). The RxD time-out feature allows the handling of a LIN
short to ground failure without software support by the microcontroller. This application mode is called enhanced
master mode, compatible to the functionality of the quad – LIN transceiver MLX80001.
In case of different BCM requirements it may happen that the external master termination is desired only. To cover
these applications the pin DIS_MAS has been introduced:
DIS_MAS
Mode
LIN termination
Supported fail safe features
GND
Enhanced Master
Mode
Active mode : Diode & 1k
sleep mode :Diode & 60µA
RxDx time-out, independent disconnect of master
termination in case of LINx short to ground
TxDx time-out, independent disable of faulty
dominant blocked transmit path
Vs
Standard
Transceiver Mode
Active mode : Diode & 30k
sleep mode :Diode & 60µA
TxDx time-out, independent disable of faulty
dominant blocked transmit path
Table 9: Time Out Modes
In case of externally mounted master termination (standard transceiver mode), the handling of a LIN short to ground is
not possible. By using the standard transceiver mode, the MLX80004/2 can be used in slave applications as well. To
pull the pin DIS_MAS to high even in case the external ECU regulator is switched off in sleep mode. The pin shall be
connected to Vs via an external resistor. (see Figure 8 at page 24, application example)
In the standard transceiver mode, only the TxDx time-out feature is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com