Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLC5801IM Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC5801IM
Description  High Speed Low Noise Voltage Feedback Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC5801IM Datasheet(HTML) 1 Page - National Semiconductor (TI)

  CLC5801IM Datasheet HTML 1Page - National Semiconductor (TI) CLC5801IM Datasheet HTML 2Page - National Semiconductor (TI) CLC5801IM Datasheet HTML 3Page - National Semiconductor (TI) CLC5801IM Datasheet HTML 4Page - National Semiconductor (TI) CLC5801IM Datasheet HTML 5Page - National Semiconductor (TI) CLC5801IM Datasheet HTML 6Page - National Semiconductor (TI) CLC5801IM Datasheet HTML 7Page - National Semiconductor (TI) CLC5801IM Datasheet HTML 8Page - National Semiconductor (TI) CLC5801IM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
CLC5801
High Speed Low Noise Voltage Feedback Amplifier
General Description
The CLC5801 is a low-cost, wideband voltage feedback
amplifier excellent for low noise applications. It combines
a wide bandwidth of 420MHz with very low noise
(2nV/
, 1.8pA/
) and low DC errors (100µV V
OS)
making it an excellent precision high speed op amp offering
closed-loop gains of
≥ 10.
The CLC5801 employs a traditional voltage-feedback topol-
ogy and provides all the benefits of balanced inputs, such as
low offsets and drifts, as well as 96dB open-loop gain, 95dB
CMRR and a 90dB PSRR. Providing a wide 420MHz band-
width at a gain of A
V = 10, a fast 300V/µs slew rate, the
CLC5801 is well suited for wide band active filters and low
noise loop filters for PLLs.
The low noise, wide gain-bandwidth, high slew rate and low
DC errors enable applications such as medical diagnostic ul-
trasound, magnetic tape and disk storage, communications
and optoelectronics that require maximum high-frequency
signal-to-noise ratios. Low noise and offset make the
CLC5801 and ideal preamplifier for CD-ROMs and receiv-
ers.
The CLC5801 consumes 16mA of supply current and can be
used in either dual 5V systems or single supply applications.
It can easily drive a 100
Ω load to within 1.6V of either rail.
The CLC5801 is available in both SOIC-8 and the tiny
SOT23-5.
Features
(T
A = 25˚C, VS = ±5V, RL = 100Ω Typical unless specified).
n
420MHz, −3dB bandwidth (A
V = 10)
n
2nV/
input voltage noise
n
1.8pA/
input current noise
n
100µV input offset voltage
n
300V/µs slew rate
n
16mA supply current
n
18ns settling time
Applications
n
Ultrasound preamplifier
n
CD-ROM preamplifer
n
Photo-diode transimpedance amplifier
n
Low-noise loop filters for PLLs
n
High-performance receivers
n
ADC preamplifier
Connection Diagrams
Equivalent Input Noise
DS101307-1
5-Pin SOT23-5
DS101307-2
Top View
8-Pin SOIC
DS101307-3
Top View
May 2000
© 2000 National Semiconductor Corporation
DS101307
www.national.com


Similar Part No. - CLC5801IM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC5802 NSC-CLC5802 Datasheet
420Kb / 12P
Dual Low-Noise, Voltage Feedback Op Amp
CLC5802IM NSC-CLC5802IM Datasheet
420Kb / 12P
Dual Low-Noise, Voltage Feedback Op Amp
CLC5802IMX NSC-CLC5802IMX Datasheet
420Kb / 12P
Dual Low-Noise, Voltage Feedback Op Amp
More results

Similar Description - CLC5801IM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM6171 NSC-LM6171 Datasheet
708Kb / 17P
High Speed Low Power Low Distortion Voltage Feedback Amplifier
logo
Burr-Brown (TI)
OPA686 BURR-BROWN-OPA686 Datasheet
158Kb / 15P
Wideband, Low Noise, Voltage Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA846 TI-OPA846 Datasheet
390Kb / 21P
Wideband, Low-Noise, Voltage-Feedback OPERATIONAL AMPLIFIER
THS4211 TI-THS4211 Datasheet
1Mb / 41P
LOW-DISTORTION HIGH-SPEED VOLTAGE FEEDBACK AMPLIFIER
LM6311 TI1-LM6311 Datasheet
476Kb / 16P
Low Noise High Speed Voltage Feedback Operational Amplifier
logo
National Semiconductor ...
THS4211 NSC-THS4211 Datasheet
1Mb / 50P
LOW-DISTORTION, HIGH-SPEED, VOLTAGE FEEDBACK AMPLIFIER
logo
Texas Instruments
LM6171 TI1-LM6171 Datasheet
1Mb / 30P
High Speed Low Power Low Distortion Voltage Feedback Amplifier
OPA846-DIE TI1-OPA846-DIE Datasheet
68Kb / 5P
WIDEBAND, LOW-NOISE, VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
OPA686 TI1-OPA686 Datasheet
170Kb / 16P
Wideband, Low Noise, Voltage Feedback OPERATIONAL AMPLIFIER
OPA846 TI1-OPA846_15 Datasheet
866Kb / 29P
Wideband, Low-Noise, Voltage-Feedback OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com