Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLC5801IM Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC5801IM
Description  High Speed Low Noise Voltage Feedback Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC5801IM Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button CLC5801IM Datasheet HTML 6Page - National Semiconductor (TI) CLC5801IM Datasheet HTML 7Page - National Semiconductor (TI) CLC5801IM Datasheet HTML 8Page - National Semiconductor (TI) CLC5801IM Datasheet HTML 9Page - National Semiconductor (TI) CLC5801IM Datasheet HTML 10Page - National Semiconductor (TI) CLC5801IM Datasheet HTML 11Page - National Semiconductor (TI) CLC5801IM Datasheet HTML 12Page - National Semiconductor (TI) CLC5801IM Datasheet HTML 13Page - National Semiconductor (TI) CLC5801IM Datasheet HTML 14Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Application Information (Continued)
(2)
As seen in
Figure 5,e
ni is dominated by the intrinsic voltage
noise (e
n) of the amplifier for equivalent source resistance
below 121
Ω. Between 121Ω and 5.11kΩ,e
ni is dominated by
the thermal noise (
) of the external resistors.
Above 5.11k
Ω,e
ni is dominated by the amplifier’s current
noise (
R
seq). The point at which the CLC5801’s volt-
age noise and current noise contribute equally occurs for
R
seq = 786Ω (
). As an example, configured with a
gain of +20V/V giving a −3dB of 90MHz and driven from an
R
seq =25Ω, the CLC5801 produces a total equivalent input
noise voltage (
) of 26µV
rms.
If bias current cancellation is not a requirement, then R
f || Rg
does not need to equal R
seq. In this case, according to Equa-
tion (1),R
f || Rg should be as low as possible in order to mini-
mize noise. Results similar to
Equation (1) are obtained for
the inverting configuration of
Figure 2 if R
seq is replaced by
R
b and Rg is replaced by Rg +Rs. With these substitutions,
Equation (1) will yield e
ni referred to the non-inverting input.
Referring e
ni to the inverting input is easily accomplished by
multiplying e
ni by the ratio of non-inverting to inverting gains.
Inverting Gains Less Than 10V/V
The lag compensation of
Figure 6 will achieve stability for
lower gains. Placing the network between the two input ter-
minals does not affect the closed-loop nor noise gain, but is
best used for the inverting configuration because of its affect
on the non-inverting input impedance.
Single-Supply Operation
The CLC5801 can be operated with single power supply as
shown in
Figure 7. Both the input and output are capacitively
coupled to set the DC operating point.
Low Noise Transimpedance Amplifier
Figure 8 shows a transimpedance amplifier used to amplify
the small signal from a Photodiode. Using a low noise ampli-
fier such as the CLC5801 and proper design, ensures that
the amplifier noise contribution is minimal. Here R
b can be
used to compensate for the input bias current of the
CLC5801. Generally, R
b is selected to be equal to Rf to can-
cel the effect of I
b flowing in each of the Op Amp input
terminals.
Figure 9 shows the equivalent noise analysis schematic for
this circuit. The complete expression for the amplifier stage
output rms noise is shown in
Equation (3).
(3)
DS101307-32
FIGURE 4. Noise Model with R
f || Rg =Rseq
DS101307-34
FIGURE 5. Voltage Noise Density vs. Source
Resistance
DS101307-35
FIGURE 6. External Lag Compensation
DS101307-36
FIGURE 7. Single Supply Operation
DS101307-37
FIGURE 8. Transimpedance Amplifier Configuration
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com