Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY29946AXC Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY29946AXC
Description  2.5V or 3.3V, 200-MHz, 1:10 Clock Distribution Buffer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY29946AXC Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY29946AXC Datasheet HTML 1Page - Cypress Semiconductor CY29946AXC Datasheet HTML 2Page - Cypress Semiconductor CY29946AXC Datasheet HTML 3Page - Cypress Semiconductor CY29946AXC Datasheet HTML 4Page - Cypress Semiconductor CY29946AXC Datasheet HTML 5Page - Cypress Semiconductor CY29946AXC Datasheet HTML 6Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
CY29946
Document #: 38-07286 Rev. *E
Page 4 of 6
Pulse
Generator
Z = 50 ohm
Zo = 50 ohm
VTT
Zo = 50 ohm
VTT
RT = 50 ohm
RT = 50 ohm
CY29946 DUT
Figure 1. LVCMOS_CLK CY29946 Test Reference for VCC = 3.3V and VCC = 2.5V
tPD
LVCMOS_CLK
Q
VCC
GND
VCC /2
VCC
GND
VCC /2
Figure 2. LVCMOS Propagation Delay (TPD) Test Reference
VCC
GND
VCC /2
tP
T0
D C = tP / T0 x 100%
Figure 3. Output Duty Cycle (FoutDC)
Figure 4. Output-to-Output Skew tsk(0)
tSK(0)
VCC
GND
VCC /2
VCC
GND
VCC /2
Ordering Information
Part Number
Package Type
Production Flow
CY29946AXI
32-pin TQFP
Industrial, –40°C to +85°C
CY29946AIXT
32-pin TQFP – Tape and Reel
Industrial, –40°C to +85°C
CY29946AXC
32-pin TQFP
Commercial, 0°C to +70°C
CY29946AXCT
32-pin TQFP – Tape and Reel
Commercial, 0°C to +70°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com