Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY29946AXC Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY29946AXC
Description  2.5V or 3.3V, 200-MHz, 1:10 Clock Distribution Buffer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY29946AXC Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY29946AXC Datasheet HTML 1Page - Cypress Semiconductor CY29946AXC Datasheet HTML 2Page - Cypress Semiconductor CY29946AXC Datasheet HTML 3Page - Cypress Semiconductor CY29946AXC Datasheet HTML 4Page - Cypress Semiconductor CY29946AXC Datasheet HTML 5Page - Cypress Semiconductor CY29946AXC Datasheet HTML 6Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2.5V or 3.3V, 200-MHz, 1:10 Clock Distribution Buffer
CY29946
Cypress Semiconductor Corporation
•
3901 North First Street
•
San Jose
, CA 95134
•
408-943-2600
Document #: 38-07286 Rev. *E
Revised April 22, 2004
Features
• 2.5V or 3.3V operation
• 200-MHz clock support
• Two LVCMOS-/LVTTL-compatible inputs
• Ten clock outputs: drive up to 20 clock lines
• 1× or 1/2× configurable outputs
• Output three-state control
• 250-ps max. output-to-output skew
• Pin-compatible with MPC946, MPC9446
• Available in commercial and industrial temperature
range
• 32-pin TQFP package
Description
The CY29946 is a low-voltage 200-MHz clock distribution
buffer with the capability to select one of two LVCMOS/LVTTL
compatible input clocks. These clock sources can be used to
provide for test clocks as well as the primary system clocks.
All other control inputs are LVCMOS/LVTTL compatible. The
10 outputs are LVCMOS or LVTTL compatible and can drive
50
Ω series or parallel terminated transmission lines. For series
terminated transmission lines, each output can drive one or
two traces giving the device an effective fanout of 1:20.
The CY29946 is capable of generating 1× and 1/2× signals
from a 1× source. These signals are generated and retimed
internally to ensure minimal skew between the 1× and 1/2×
signals. SEL(A:C) inputs allow flexibility in selecting the ratio
of 1× to1/2× outputs.
The CY29946 outputs can also be three-stated via MR/OE#
input. When MR/OE# is set HIGH, it resets the internal
flip-flops and three-states the outputs.
CY29946
VSS
QB0
VDDC
QB1
VSS
QB2
VDDC
VDDC
TCLK_SEL
VDD
TCLK0
TCLK1
DSELA
DSELB
DSELC
VSS
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
Block Diagram
Pin Configuration
0
1
/1
/2
R
0
1
/1
/2
R
0
1
/1
/2
R
3
3
4
QA0:2
QB0:2
QC0:3
DSELA
DSELB
DSELC
MR/OE#
TCLK1
TCLK0
TCLK_SEL


Similar Part No. - CY29946AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY29946AXC CYPRESS-CY29946AXC Datasheet
402Kb / 9P
2.5 V or 3.3 V, 200-MHz, 1:10 Clock Distribution Buffer 200-MHz clock support
CY29946AXC CYPRESS-CY29946AXC Datasheet
402Kb / 9P
2.5 V or 3.3 V, 200-MHz, 1:10 Clock Distribution Buffer
CY29946AXCT CYPRESS-CY29946AXCT Datasheet
402Kb / 9P
2.5 V or 3.3 V, 200-MHz, 1:10 Clock Distribution Buffer 200-MHz clock support
CY29946AXCT CYPRESS-CY29946AXCT Datasheet
402Kb / 9P
2.5 V or 3.3 V, 200-MHz, 1:10 Clock Distribution Buffer
More results

Similar Description - CY29946AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY29949 CYPRESS-CY29949 Datasheet
111Kb / 7P
2.5V or 3.3V 200-MHz 1:15 Clock Distribution Buffer
CY29947 CYPRESS-CY29947 Datasheet
103Kb / 7P
2.5V or 3.3V, 200-MHz, 1:9 Clock Distribution Buffer
CY29942 CYPRESS-CY29942 Datasheet
184Kb / 7P
2.5V or 3.3V, 200-MHz, 1:18 Clock Distribution Buffer
CY29948 CYPRESS-CY29948 Datasheet
108Kb / 7P
2.5V or 3.3V, 200-MHz, 1:12 Clock Distribution Buffer
B9940L CYPRESS-B9940L Datasheet
182Kb / 5P
2.5V or 3.3V, 200-MHz, 1:18 Clock Distribution Buffer
CY29943 CYPRESS-CY29943 Datasheet
188Kb / 7P
2.5V or 3.3V 200-MHz 1:18 Clock Distribution Buffer
CY29940 CYPRESS-CY29940_06 Datasheet
256Kb / 7P
2.5V or 3.3V, 200-MHz, 1:18 Clock Distribution Buffer
CY29948 CYPRESS-CY29948_06 Datasheet
191Kb / 8P
2.5V or 3.3V, 200-MHz, 1:12 Clock Distribution Buffer
CY29940-1 CYPRESS-CY29940-1 Datasheet
200Kb / 7P
2.5V or 3.3V, 200-MHz 1:18 Clock Distribution Buffer
CY29949 CYPRESS-CY29949_08 Datasheet
328Kb / 7P
2.5V or 3.3V 200 MHz 1:15 Clock Distribution Buffer
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com