Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG441B Datasheet(PDF) 2 Page - Vishay Siliconix

Part # DG441B
Description  Improved Quad SPST CMOS Analog Switches
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG441B Datasheet(HTML) 2 Page - Vishay Siliconix

  DG441B Datasheet HTML 1Page - Vishay Siliconix DG441B Datasheet HTML 2Page - Vishay Siliconix DG441B Datasheet HTML 3Page - Vishay Siliconix DG441B Datasheet HTML 4Page - Vishay Siliconix DG441B Datasheet HTML 5Page - Vishay Siliconix DG441B Datasheet HTML 6Page - Vishay Siliconix DG441B Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
DG441B/442B
Vishay Siliconix
New Product
www.vishay.com
2
Document Number: 72625
S-32553—Rev. A, 15-Dec-03
ABSOLUTE MAXIMUM RATINGS
V+ to V−
44 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
GND to V−
25 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Digital Inputsa VS, VD
(V−) −2 V to (V+) +2 V
. . . . . . . . . . . . . . . . . . . . . . . . . . .
or 30 mA, whichever occurs first
Continuous Current (Any Terminal)
30 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Current, S or D (Pulsed 1 ms, 10% duty cycle)
100 mA
. . . . . . . . . . . . . . . . . .
Storage Temperature
−65 to 125_C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power Dissipation (Package)b
16-Pin Plastic DIPc
470 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
16-Pin Narrow Body SOICd
900 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
QFN-16d
850 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Notes:
a.
Signals on SX, DX, or INX exceeding V+ or V− will be clamped by internal
diodes. Limit forward diode current to maximum current ratings.
b.
All leads welded or soldered to PC Board.
c.
Derate 6 mW/_C above 75_C
d.
Derate 12 mW/_C above 25_C
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONSa FOR DUAL SUPPLIES
Test Conditions
Unless Otherwise Specified
Limits
−40 to 85_C
Parameter
Symbol
V+ = 15 V, V− = −15 V, VL = 5 V. VIN = 2.4 V,
0.8 Vf
Tempb
Mind
Typc
Maxd
Unit
Analog Switch
Analog Signal Rangee
VANALOG
Full
−15
15
V
Drain-Source
On-Resistance
rDS(on)
IS = 1 mA, VD = #10 V
Room
Full
45
80
95
W
On-Resistance Match Between
Channelse
DrDS(on)
IS = 1 mA, VD = "10 V
Room
Full
2
4
5
W
Switch Off
IS(off)
VD = "14 V VS = #14 V
Room
Full
−0.5
−5
"0.01
0.5
5
Switch Off
Leakage Current
ID(off)
VD = "14 V, VS = #14 V
Room
Full
−0.5
−5
"0.01
0.5
5
nA
Channel On
Leakage Current
ID(on)
VS = VD = "14 V
Room
Full
−0.5
−10
#0.02
0.5
10
Digital Control
Input Voltage Low
VINL
Full
0.8
V
Input Voltage High
VINH
Full
2.4
V
Input Current VIN Low
IINL
VIN under test = 0.8 V, All Other = 2.4 V
Full
−1
−0.01
1
mA
Input Current VIN High
IINH
VIN under test = 2.4 V, All Other = 0.8 V
Full
−1
0.01
1
mA
Dynamic Characteristics
Turn-On Time
tON
RL = 1 kW, CL = 35 pF
Room
120
220
Turn-Off Time
tOFF
RL = 1 kW, CL = 35 pF
VS = 10 V, See Figure 2
Room
65
120
ns
Charge Injectione
Q
CL = 1 nF, VS = 0 V, Vgen = 0 V, Rgen = 0 W
Room
−1
pC
Off Isolatione
OIRR
RL = 50 W, CL = 15 pF, VS = 1 VRMS
Room
90
dB
Crosstalke (Channel-to-Channel)
XTALK
RL = 50 W, CL = 15 pF, VS = 1 VRMS
f = 100 kHz
Room
95
dB
Source Off Capacitancee
CS(off)
f = 1 MHz
Room
4
Drain Off Capacitancee
CD(off)
f = 1 MHz
Room
4
pF
Channel On Capacitancee
CD(on)
VS = VD = 0 V, f = 1 MHz
Room
16
p
Power Supplies
Positive Supply Current
I+
V+ = 16.5 V, V− = −16.5 V
Room
Full
1
5
mA
Negative Supply Current
I−
V+ = 16.5 V, V− = −16.5 V
VIN = 0 or 5 V
Room
Full
−1
−5
mA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com