Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG441B Datasheet(PDF) 3 Page - Vishay Siliconix

Part # DG441B
Description  Improved Quad SPST CMOS Analog Switches
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG441B Datasheet(HTML) 3 Page - Vishay Siliconix

  DG441B Datasheet HTML 1Page - Vishay Siliconix DG441B Datasheet HTML 2Page - Vishay Siliconix DG441B Datasheet HTML 3Page - Vishay Siliconix DG441B Datasheet HTML 4Page - Vishay Siliconix DG441B Datasheet HTML 5Page - Vishay Siliconix DG441B Datasheet HTML 6Page - Vishay Siliconix DG441B Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
DG441B/442B
Vishay Siliconix
New Product
Document Number: 72625
S-32553—Rev. A, 15-Dec-03
www.vishay.com
3
SPECIFICATIONSa FOR SINGLE SUPPLY
Test Conditions
Otherwise Unless Specified
Limits
−40 to 85_C
Parameter
Symbol
V+ = 12 V, V− = 0 V, VIN = 2.4 V, 0.8 Vf
Tempb
Mind
Typc
Maxd
Unit
Analog Switch
Analog Signal Rangee
VANALOG
Full
0
12
V
Drain-Source
On-Resistance
rDS(on)
IS = 1 mA, VD = 3 V, 8 V
Room
Full
90
160
200
W
Dynamic Characteristics
Turn-On Time
tON
RL = 1 kW, CL = 35 pF
Room
120
300
ns
Turn-Off Time
tOFF
RL = 1 kW, CL = 35 pF
VS = 8 V, See Figure 2
Room
60
200
ns
Charge Injection
Q
CL = 1 nF Vgen = 6 V, Rgen = 0 W
Room
4
pC
Power Supplies
Positive Supply Current
I+
VIN = 0 or 5 V
Room
Full
1
5
mA
Negative Supply Current
I−
VIN = 0 or 5 V
Room
Full
−1
−5
mA
Notes:
a.
Refer to PROCESS OPTION FLOWCHART.
b.
Room = 25_C, Full = as determined by the operating temperature suffix.
c.
Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
d.
The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
e.
Guaranteed by design, not subject to production test.
f.
VIN = input voltage to perform proper function.
SCHEMATIC DIAGRAM (TYPICAL CHANNEL)
FIGURE 1.
INX
5 V Reg
Level
Shift/
Drive
V+
GND
V−
V−
V+



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com