Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT46C63 Datasheet(PDF) 6 Page - Holtek Semiconductor Inc

Part # HT46C63
Description  A/D with LCD Type 8-Bit MCU
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46C63 Datasheet(HTML) 6 Page - Holtek Semiconductor Inc

Back Button HT46C63 Datasheet HTML 2Page - Holtek Semiconductor Inc HT46C63 Datasheet HTML 3Page - Holtek Semiconductor Inc HT46C63 Datasheet HTML 4Page - Holtek Semiconductor Inc HT46C63 Datasheet HTML 5Page - Holtek Semiconductor Inc HT46C63 Datasheet HTML 6Page - Holtek Semiconductor Inc HT46C63 Datasheet HTML 7Page - Holtek Semiconductor Inc HT46C63 Datasheet HTML 8Page - Holtek Semiconductor Inc HT46C63 Datasheet HTML 9Page - Holtek Semiconductor Inc HT46C63 Datasheet HTML 10Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
ISTB3
Standby Current
(WDT OSC Off, RTC On, LCD Off)
3V
System HALT
¾¾
5
mA
5V
¾¾
15
ISTB4
Standby Current (WDT OSC Off,
RTC On, LCD On with Low Current
Internal R Type Bias Option)
3V
System HALT
VLCD=VDD
10
12
16
mA
5V
20
24
32
ISTB5
Standby Current (WDT OSC Off,
RTC On, LCD On with Middle
Current Internal R Type Bias Option)
3V
System HALT
VLCD=VDD
16
20
26
mA
5V
32
40
52
ISTB6
Standby Current (WDT OSC Off,
RTC On, LCD On with High Current
Internal R Type Bias Option)
3V
System HALT
VLCD=VDD
38
52
68
mA
5V
76
104
136
VIL1
Input Low Voltage for I/O Ports
¾¾
0
¾
0.3VDD
V
VIH1
Input High Voltage for I/O Ports
¾¾
0.7VDD
¾
3V
VIL2
Input Low Voltage (RES)
¾¾
0
¾
0.4VDD
V
VIH2
Input High Voltage (RES)
¾¾
0.9VDD
¾
VDD
V
VLCD
LCD Highest Voltage
¾¾
0
¾
VDD
V
IOH1
I/O Port Source Current
3V
VOH=0.9VDD
-2
-4
¾
mA
5V
-5
-8
¾
IOL1
I/O Port Sink Current
3V
VOL=0.1VDD
612
¾
mA
5V
10
25
¾
IOH2
SEG7~18 Logical Source Current
3V
VOH=0.9VDD
-2
-4
¾
mA
5V
-4
-8
¾
IOL2
SEG7~10 Logical Sink Current
3V
VOL=0.1VDD
8
¾¾
mA
5V
16
¾¾
IOL3
SEG11~18 Logical Sink Current
3V
VOL=0.1VDD
16
¾¾
mA
5V
32
¾¾
IOHTOTAL
I/O Port Total Source Current
¾¾
¾
¾
-100
mA
IOLTOTAL
I/O Port Total Sink Current
¾¾
¾
¾
100
mA
RPH
Pull-High Resistance (I/O)
3V
¾
20
60
100
k
W
5V
10
30
50
VOS
Comparator Input Offset Voltage
¾¾
-10
¾
10
mV
VI
Comparator Input Voltage Range
¾¾
0.2
¾
VDD
-0.8
V
VAD
A/D Input Voltage
¾¾
0
¾
VDD
V
EAD
A/D Conversion Integral Nonlinearity
Error
¾¾
¾
±0.5
±1
LSB
IADC
Additional Power Consumption
if A/D Converter is Used
3V
¾
¾
0.5
1
mA
5V
¾
1.5
3
mA
HT46R63/HT46C63
Rev. 1.90
6
May 17, 2004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com