Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT46C63 Datasheet(PDF) 22 Page - Holtek Semiconductor Inc

Part # HT46C63
Description  A/D with LCD Type 8-Bit MCU
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46C63 Datasheet(HTML) 22 Page - Holtek Semiconductor Inc

Back Button HT46C63 Datasheet HTML 18Page - Holtek Semiconductor Inc HT46C63 Datasheet HTML 19Page - Holtek Semiconductor Inc HT46C63 Datasheet HTML 20Page - Holtek Semiconductor Inc HT46C63 Datasheet HTML 21Page - Holtek Semiconductor Inc HT46C63 Datasheet HTML 22Page - Holtek Semiconductor Inc HT46C63 Datasheet HTML 23Page - Holtek Semiconductor Inc HT46C63 Datasheet HTML 24Page - Holtek Semiconductor Inc HT46C63 Datasheet HTML 25Page - Holtek Semiconductor Inc HT46C63 Datasheet HTML 26Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 44 page
background image
HT46R63/HT46C63
Rev. 1.90
22
May 17, 2004
Label (ADCR)
Bits
Functions
ACS0
ACS1
ACS2
0
1
2
ACS2, ACS1, ACS0: A/D channel selection
0,0,0: AN0
0,0,1: AN1
0,1,0: AN2
0,1,1: AN3
1,0,0: AN4
1,0,1: AN5
1,1,0: AN6
1,1,1: AN7
PCR0
PCR1
PCR2
3
4
5
PCR2, PCR1, PCR0: PB7~PB0 pad functions
0,0,0: PB7, PB6, PB5, PB4, PB3, PB2, PB1, PB0
0,0,1: PB7, PB6, PB5, PB4, PB3, PB2, PB1, AN0
0,1,0: PB7, PB6, PB5, PB4, PB3, PB2, AN1, AN0
0,1,1: PB7, PB6, PB5, PB4, PB3, AN2, AN1, AN0
1,0,0: PB7, PB6, PB5, PB4, AN3, AN2, AN1, AN0
1,0,1: PB7, PB6, PB5, AN4, AN3, AN2, AN1, AN0
1,1,0: PB7, PB6, AN5, AN4, AN3, AN2, AN1, AN0
1,1,1: AN7, AN6, AN5, AN4, AN3, AN2, AN1, AN0
EOCB
6
End of A/D conversion flag
(0: end of A/D conversion)
START
7
A/D conversion sequence (START=010)
0: Initial value after chip RESET
0
®1: Initial next A/D conversion.
1: reset A/D converter and set EOCB to
²1²
1
®0: Starts the A/D conversion.
0: Normal state for A/D
Note:
It is recommended that START is
²0² and PCR2~PCR0 is ²000² before MCU entering HALT mode.
HALT will not standby the A/D converter automatically.
ACSR Register
Label (ACSR)
Bits
Functions
ADCS0
ADCS1
0
1
ADCS1, ADCS0: Selects the A/D converter clock source
0,0: fSYS/2
0,1: fSYS/8
1,0: fSYS/32
1,1: Cannot be used
CMPC
2
Comparator control (*)
0: Disable
1: Enable
¾
3~6
Unused bit, read as
²0²
TEST
7
For test mode used only
0: Normal mode
1: TEST only, cannot be used
Note:
²*² This bit is 0 during reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com