Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M2P Datasheet(PDF) 8 Page - Omron Electronics LLC

Part # M2P
Description  Large Rectangular-bodied Indicators
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

M2P Datasheet(HTML) 8 Page - Omron Electronics LLC

Back Button M2P Datasheet HTML 4Page - Omron Electronics LLC M2P Datasheet HTML 5Page - Omron Electronics LLC M2P Datasheet HTML 6Page - Omron Electronics LLC M2P Datasheet HTML 7Page - Omron Electronics LLC M2P Datasheet HTML 8Page - Omron Electronics LLC M2P Datasheet HTML 9Page - Omron Electronics LLC M2P Datasheet HTML 10Page - Omron Electronics LLC M2P Datasheet HTML 11Page - Omron Electronics LLC M2P Datasheet HTML 12Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
M2P
8
Ordering Information
Ordering Individually ...........Displays, Lamps, and Sockets can be ordered separately. Combinations that are not available as sets can
be created using individual Units. Also, store the parts as spares for maintenance and repairs.
Incandescent Lamp-lighted Models (Incandescent lamp is not built-in.)
* The following types of colored plates are included with Horizontal and Vertical 3-splitScreen Switches.
All colors: One colored plate for a 2-split screen and one colored plate for a 4-split screen.
Chameleon Models (with Built-in LED)
LED Lamp
Incandescent Lamp
Display
Model
Rectan-
gular
models
Square
models
Round
models
Selection precautions
Screen pattern
Screen
Model
Model
Model
Model
Model
Single screen
M2PJ-5011
M2PA-5011
M2PT-5011 *
• Colored plates (white, red, green, orange, and blue), a legend
plate (transparent), and a light baffle (split-screen models only)
are supplied.
* M2PT (round) models do not contain a legend plate.
• The number of colored plates supplied is shown in the following
table.
Horizontal 2-
split screen
M2PJ-5012
M2PA-5012
---
Vertical 2-split
screen
M2PJ-5013
---
---
Horizontal 3-
split screen
M2PJ-5014
---
---
Vertical 3-split
screen
M2PJ-5015
---
---
4-split screen
M2PJ-5016
---
---
Shape
Rated voltage
Chameleon indicator
Rectangular
12 VDC
M2PJ-5800-12E
Note: 1. With the chameleon models, the whole screen lights red, green,
or orange (i.e., red and green simultaneously).
2. A cap, legend plate (transparent), white colored plate, and LED
(with a current-limiting resistor) are built into the Display.
24 VDC
M2PJ-5800-24E
Square
12 VDC
M2PA-5800-12E
24 VDC
M2PA-5800-24E
Lamp
(For mounting, refer to the A3P.)
Voltage
5 VDC
12 VDC
24 VDC
Applicable cap (color)
(colored plate)
Selection precautions
Color
Model (DC only)
Model (DC only)
Model (DC only)
Red
SLL-05ER
SLL-12ER
SLL-24ER
Red
In the standard setup, 4 LED lamps are
used with M2PJ models and 2 LED lamps
are used with M2PA and M2PT models.
Yellow
SLL-05EY
SLL-12EY
SLL-24EY
Orange
Green
SLL-05EG
SLL-12EG
SLL-24EG
Green
White
SLL-05EW
SLL-12EW
SLL-24EW
White
Voltage
Lamp type
Standard lamp
Low-voltage lamp
Selection precautions
5 VAC/VDC
SLL-06
SLL-06H
• In the standard setup for M2PJ models, 2 lamps are used with single screen models, and
4 lamps are used with split-screen models. If 3 or 4 lamps are lit continuously, use low-
power lamps.
• In the standard setup for M2PA models, 1 lamp is used with single screen models, and 2
lamps are used with split-screen models.
• In the standard setup for M2PT models, 2 lamps are used.
12 VAC/VDC
SLL-14
SLL-14H
24 VAC/VDC
SLL-28
SLL-28H
Socket
(common to both incandescent lamp-lighted and LED-lighted models)
Rectangular
Square
Round
Selection precautions
Model
Model
Model
M2PJ-7010-1
M2PA-7010-1
M2PT-7010-2
• The end digit denotes the color of the flange: -1 denotes a
black flange, and -2 denotes a light gray flange. Round
switches are available only in light gray, and not in black.
Screen pattern
White
Red
Green
Orange
Blue
Single screen
11
11
1
Horizontal 2-split screen
Vertical 2-split screen
11
11
1
Horizontal 3-split screen
Vertical 3-split screen *
22
22
2
4-split screen
2
2
2
2
2
Ordering set combinations: Refer to pages 3 to 4.
■ Specifications: Refer to the A3P.
■ Dimensions: Refer to page 11. Accessories: Refer to the A3P.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com