Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M2P Datasheet(PDF) 12 Page - Omron Electronics LLC

Part # M2P
Description  Large Rectangular-bodied Indicators
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

M2P Datasheet(HTML) 12 Page - Omron Electronics LLC

Back Button M2P Datasheet HTML 7Page - Omron Electronics LLC M2P Datasheet HTML 8Page - Omron Electronics LLC M2P Datasheet HTML 9Page - Omron Electronics LLC M2P Datasheet HTML 10Page - Omron Electronics LLC M2P Datasheet HTML 11Page - Omron Electronics LLC M2P Datasheet HTML 12Page - Omron Electronics LLC M2P Datasheet HTML 13Page - Omron Electronics LLC M2P Datasheet HTML 14Page - Omron Electronics LLC M2P Datasheet HTML 15Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
M2P
12
Dimensions
(Unit: mm)
Panel Cutout
M2PJ (Rectangular) Models
Note: 1. n: Number of Units
2. Recommended panel thickness: 1 to 5 mm
3. Mount the panel before mounting the Switch Guard.
4. If the panel is to be finished (e.g., coated), make sure that the panel meets the specified dimensions after the coating.
M2PA (Square) Models
Note: 1. n: Number of Units
2. Recommended panel thickness: 1 to 5 mm
3. If the panel is to be finished (e.g., coated), make sure that the panel meets the specified dimensions after the coating.
M2PT (Round) Models
Classification
Mounting design
Panel cutout
Remarks
Flange
mount
models
Individual mount-
ing (Horizontal)
Panel cutout spacing between rows of
Units:
Multiple mount-
ing (Horizontal)
Individual mount-
ing (Vertical)
Mount to long mount-
ing plate (A3PJ-
3002) before use.
Multiple mount-
ing (Vertical)
Mount to long mount-
ing plate (A3PJ-
3002) before use.
Barrier
mount
models
Individual mount-
ing (Horizontal)
For barrier mount models, refer to Ac-
cessories on the A3P.
Panel cutout spacing between rows of
Units:
Dotted line indicates the position of each
mounting barrier.
Multiple mount-
ing (Horizontal)
Individual mount-
ing (Vertical)
Mount to long mount-
ing plate (A3PJ-
3002) before use.
Multiple mount-
ing (Vertical)
Mount to long mount-
ing plate (A3PJ-
3002) before use.
Classification
Mounting design
Panel cutout
Remarks
Flange
mount
models
Individual mount-
ing
Panel cutout spacing between rows of
Units:
Multiple mount-
ing
Barrier
mount
models
Individual mount-
ing
Panel cutout spacing between rows of
Units:
Dotted line indicates the position of each
mounting barrier.
Multiple mount-
ing
32±0.1
25±0.1
30.5±0.3
23.5±0.3
3 min.
6 min.
32n±0.5
12
n
25±0.1
32n-1.5±0.3
23.5±0.3
25±0.1
32±0.1
23.5±0.3
30.5±0.3
25n±0.5
1
2n
32±0.1
25n-1.5±0.3
30.5±0.3
39
27
36.4±0.3
23.5±0.3
6 min.
6 min.
1.3
33n+6±1
n
2
1
27
32.9n+3.5±0.3
23.5±0.3
34
32±0.1
29.4±0.3
30.5±0.3
34
n
12
26n+6±1
25.9n+3.5±0.3
30.5±0.3
25±0.1
25±0.1
22.5±0.3
23.5±0.3
33 min.
6 min.
25n±0.1
12
n
25±0.1
25n-2.5±0.3
23.5±0.3
32
27
27.8±0.3
23.5±0.3
6 min.
1.3
6 min.
26n+6.5±1
1n
2
27
26n+2.5±0.3
23.5±0.3
4 min.
6.4 dia.
29±0.3 dia.
R11.8+0.2
−0
Note: 1. Recommended panel thickness: 1 to 5 mm
2. If the panel is to be finished (e.g., coated), make sure that the panel meets the specified dimensions after
the coating



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com