| Electronic Components Datasheet Search |
|
P89LPC915 Datasheet(PDF) 13 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
P89LPC915 Datasheet(HTML) 13 Page - NXP Semiconductors |
|
13 / 72 page ![]() Philips Semiconductors P89LPC915/916/917 8-bit microcontrollers with accelerated two-clock 80C51 core Product data Rev. 04 — 17 December 2004 13 of 72 9397 750 14397 © Koninklijke Philips Electronics N.V. 2004. All rights reserved. Table 5: P89LPC917 pin description Symbol Pin Type Description P0.0 to P0.5 I/O Port 0: Port 0 is a 7-bit I/O port with user-configurable outputs. During reset Port 0 latches are configured in the input only mode with the internal pull-up disabled. The operation of Port 0 pins as inputs and outputs depends upon the port configuration selected. Each port pin is configured independently. Refer to Section 9.12.1 “Port configurations” and Table 13 “DC electrical characteristics” for details. The Keypad Interrupt feature operates with Port 0 pins. All pins have Schmitt triggered inputs. Port 0 also provides various special functions as described below: 2 I/O P0.0 — Port 0 bit 0. I CMP2 — Comparator 2 output. I KBI0 — Keyboard input 0. 1 I/O P0.1 — Port 0 bit 1. I CIN2B — Comparator 2 positive input B. I KBI1 — Keyboard input 1. I AD10 — A/D channel 1, input 0 16 I/O P0.2 — Port 0 bit 2. I CIN2A — Comparator 2 positive input A. I KBI2 — Keyboard input 2. I AD11 — A/D channel 1, input 1 15 I/O P0.3 — Port 0 bit 3. I CIN1B — Comparator 1 positive input B. I KBI3 — Keyboard input 3. I AD12 — A/D channel 1, input 2. 14 I/O P0.4 — Port 0 bit 4. I CIN1A — Comparator 1 positive input A. I KBI4 — Keyboard input 4. I AD13 — A/D channel 1, input 3. O DAC1 — Digital to analog converter 1 output. 13 I/O P0.5 — Port 0 bit 5. I CMPREF — Comparator reference (negative) input. I KBI5 — Keyboard input 5. I CLKIN — External clock input. 11 I/O P0.7 — Port 0 bit 7. I T1 — Timer/counter 1 external count input, overflow output, or PWM output. I KBI7 — Keyboard input 7. I CLKOUT — Clock output. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |