Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPC1333 Datasheet(PDF) 2 Page - IXYS Corporation

Part # CPC1333
Description  Single-Pole Normally Closed OptoMOS Relay
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC1333 Datasheet(HTML) 2 Page - IXYS Corporation

  CPC1333 Datasheet HTML 1Page - IXYS Corporation CPC1333 Datasheet HTML 2Page - IXYS Corporation CPC1333 Datasheet HTML 3Page - IXYS Corporation CPC1333 Datasheet HTML 4Page - IXYS Corporation CPC1333 Datasheet HTML 5Page - IXYS Corporation CPC1333 Datasheet HTML 6Page - IXYS Corporation CPC1333 Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
2
R03
CPC1333
Absolute Maximum Ratings are stress ratings. Stresses in
excess of these ratings can cause permanent damage to
the device. Functional operation of the device at conditions
beyond those indicated in the operational sections of this
data sheet is not implied.
Typical values are characteristic of the device at +25°C,
and are the result of engineering evaluations. They are
provided for information purposes only, and are not part of
the manufacturing testing requirements.
Parameter
Ratings
Units
Peak Blocking Voltage
350
V
P
Reverse Input Voltage
5
V
Input Control Current
50
mA
Peak (10ms)
1
A
Input Power Dissipation 1
100
mW
Total Package Dissipation 2
550
mW
Isolation Voltage, Input to Output
5000
V
rms
ESD Rating, Human Body Model
8
kV
Operational Temperature
-40 to +85
ºC
Storage Temperature
-40 to +125
ºC
1 Derate linearly 1.33mW / ºC
2 Derate linearly 3mW / ºC
Absolute Maximum Ratings @ 25ºC
Electrical Characteristics @ 25ºC
Parameters
Conditions
Symbol
Min
Typ
Max
Units
Output Characteristics
Load Current
Continuous
-
I
L
-
-
130
mA
rms / mADC
Peak
t=10ms
I
LPK
-
-
±350
mA
P
On-Resistance 1
I
L=130mA
R
ON
-25
30
Off-State Leakage Current
I
F=2mA, VL=350V
I
LEAK
--
1
A
Switching Speeds
Turn-On
I
F=5mA, VL=10V
t
on
--
2
ms
Turn-Off
t
off
--
3
Output Capacitance
I
F=2mA, VL=50V, f=1MHz
C
OUT
-6
-
pF
Input Characteristics
Input Control Current to Activate 2
-I
F
-
0.18
2
mA
Input Control Current to Deactivate
I
L=130mA
I
F
0.1
-
-
mA
Input Voltage Drop
I
F=5mA
V
F
0.9
1.26
1.4
V
Reverse Input Current
V
R=5V
I
R
--
10
A
Common Characteristics
Capacitance, Input to Output
V
IO=0V, f=1MHz
C
I/O
-3
-
pF
1 Measurement taken within one second of on-time.
2 For high temperature operation (> 60ºC), IXYS Integrated Circuits Division recommends a minimum LED drive current of 5mA.
CPC1333G Isolation Test Circuit
Test Conditions:
Voltage Ramp:
2V/
s
Test Time:
2 Seconds
I
LEAK Threshold: 50A
Test Voltage:
6kV
rms
1
2
3
4
6kV
rms
Timing Diagram
10%
90%
t
off
t
on
0 mA
I
L
I
F
0 mA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com