Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPC1333 Datasheet(PDF) 3 Page - IXYS Corporation

Part # CPC1333
Description  Single-Pole Normally Closed OptoMOS Relay
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC1333 Datasheet(HTML) 3 Page - IXYS Corporation

  CPC1333 Datasheet HTML 1Page - IXYS Corporation CPC1333 Datasheet HTML 2Page - IXYS Corporation CPC1333 Datasheet HTML 3Page - IXYS Corporation CPC1333 Datasheet HTML 4Page - IXYS Corporation CPC1333 Datasheet HTML 5Page - IXYS Corporation CPC1333 Datasheet HTML 6Page - IXYS Corporation CPC1333 Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
INTEGRATED CIRCUITS DIVISION
CPC1333
www.ixysic.com
3
R03
* The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please
contact our application department.
LED Forward Voltage (V)
1.250
1.255
1.260
1.265
1.270
1.275
0
5
10
15
20
25
Typical LED Forward Voltage Drop
(N=50, I
F=5mA)
Turn-On Time (ms)
0.24
0.26
0.28
0.30
0.32
0.34
0.36
0
5
10
15
20
25
Typical Turn-On Time
(N=50, I
F=5mA, IL=60mA)
Turn-Off Time (ms)
0.295 0.305 0.315 0.325 0.335 0.345 0.355
0
5
10
15
20
Typical Turn-Off Time
(N=50, I
F=5mA, IL=60mA)
LED Current (mA)
0.12
0.14
0.16
0.18
0.20
0.22
0
5
10
15
20
25
Typical I
F for Switch Operation
(N=50, I
L=130mA)
On-Resistance ( )
23.75 24.50 25.25 26.00 26.75 27.50 28.25
0
5
10
15
20
Typical On-Resistance Distribution
(N=50, I
F=0mA, IL=130mA)
Blocking Voltage (V
P)
400
410
420
430
440
450
460
470
0
5
10
15
20
25
Typical Blocking Voltage Distribution
(N=50, I
F=2mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.0
0.5
1.0
1.5
2.0
Typical I
F for Switch Operation
vs. Temperature
(I
L=60mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0
100
200
300
400
500
600
Typical Turn-On Time
vs. Temperature
(I
L=60mA)
I
F=10mA
I
F=5mA
I
F=2mA
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0
500
1000
1500
2000
2500
Typical Turn-Off Time
vs. Temperature
(I
L=60mA)
I
F=2mA
I
F=5mA
I
F=10mA
Temperature (ºC)
-40
-20
0
20
40
60
80
100
1.0
1.1
1.2
1.3
1.4
1.5
1.6
Typical LED Forward Voltage Drop
vs. Temperature
I
F=50mA
I
F=20mA
I
F=10mA
I
F=5mA
I
F=2mA
LED Current (mA)
0
1020
304050
324
326
328
330
332
334
336
338
340
Typical Turn-On Time
vs. LED Forward Current
(I
L=60mA)
LED Current (mA)
0
1020
304050
0
250
500
750
1000
1250
1500
Typical Turn-Off Time
vs. LED Forward Current
(I
L=60mA)
PERFORMANCE DATA @25ºC (Unless Otherwise Noted)*



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com