Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPC1004N Datasheet(PDF) 1 Page - IXYS Corporation

Part # CPC1004N
Description  100V Normally-Open Single-Pole 4-Pin SOP OptoMOS Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC1004N Datasheet(HTML) 1 Page - IXYS Corporation

  CPC1004N Datasheet HTML 1Page - IXYS Corporation CPC1004N Datasheet HTML 2Page - IXYS Corporation CPC1004N Datasheet HTML 3Page - IXYS Corporation CPC1004N Datasheet HTML 4Page - IXYS Corporation CPC1004N Datasheet HTML 5Page - IXYS Corporation CPC1004N Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
INTEGRATED CIRCUITS DIVISION
CPC1004N
100V Normally-Open Single-Pole
4-Pin SOP OptoMOS® Relay
www.ixysic.com
DS-CPC1004N-R09
1
Part #
Description
CPC1004N
4-Pin SOP (100/tube)
CPC1004NTR 4-Pin SOP (2000/reel)
Parameter
Rating
Units
Blocking Voltage
100
V
P
Load Current
300
mA
DC
On-Resistance (max)
4
Applications
Features
Description
Ordering Information
Pin Configuration
• Instrumentation
• Multiplexers
• Data Acquisition
• Electronic Switching
• I/O Subsystems
• Meters (Watt-Hour, Water, Gas)
• Medical Equipment—Patient/Equipment Isolation
• Security Systems
• Aerospace
• Industrial Controls
• Reed Relay Replacement
• Operating Temperature Range: -40ºC to +110ºC
• 1500V
rms Input/Output Isolation
• Small 4-Pin SOP Package
• Low Drive Power Requirements
• High Reliability
• Arc-Free With No Snubbing Circuits
• No EMI/RFI Generation
• Tape & Reel Version Available
• Flammability Rating UL 94 V-0
CPC1004N is a miniature, low-voltage, low
on-resistance, normally-open (1-Form-A) DC solid
state relay in a 4-pin SOP package. The relay uses
optically coupled MOSFET technology to provide
1500V
rms of input to output isolation. The efficient
MOSFET switch and photovoltaic die use IXYS
Integrated Circuits' patented OptoMOS architecture
while the optically coupled output is controlled by a
highly efficient infrared LED.
The CPC1004N uses IXYS Integrated Circuits'
state of the art double-molded vertical construction
packaging to produce one of the world’s smallest
relays. The CPC1004N is ideal for replacing larger,
less-reliable reed and electromechanical relays.
Switching Characteristics
of Normally-Open Devices
Form-A
I
F
I
LOAD
10%
90%
t
on
t
off
Approvals
1
2
3
4
+ Control
– Control
DC +
DC -
• UL Recognized Component: File E76270
• CSA Certified Component: Certificate 1172007
• EN/IEC 60950-1 Certified Component:
Certificate available on our website


Similar Part No. - CPC1004N

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1004N CLARE-CPC1004N Datasheet
509Kb / 5P
4 Pin SOP OptoMOS Relay
CPC1004N CLARE-CPC1004N Datasheet
112Kb / 5P
4 Pin SOP OptoMOS짰 Relay
CPC1004NTR CLARE-CPC1004NTR Datasheet
509Kb / 5P
4 Pin SOP OptoMOS Relay
CPC1004NTR CLARE-CPC1004NTR Datasheet
112Kb / 5P
4 Pin SOP OptoMOS짰 Relay
CPC1004N CLARE-CPC1004N_1 Datasheet
112Kb / 5P
4 Pin SOP OptoMOS짰 Relay
More results

Similar Description - CPC1004N

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
CPC1006N IXYS-CPC1006N Datasheet
167Kb / 6P
60V Normally-Open Single-Pole 4-Pin SOP OptoMOS Relay
CPC1008N IXYS-CPC1008N Datasheet
134Kb / 6P
Single-Pole, Normally Open 4-Pin SOP OptoMOS Relay
CPC1017N IXYS-CPC1017N Datasheet
137Kb / 6P
60V Normally-Open Single-Pole 4-Pin SOP OptoMOS Relay
CPC1018N IXYS-CPC1018N Datasheet
169Kb / 6P
60V Normally-Open Single-Pole 4-Pin SOP OptoMOS Relay
CPC1025N IXYS-CPC1025N Datasheet
167Kb / 6P
400V Normally-Open Single-Pole 4-Pin SOP OptoMOS Relay
CPC1030N IXYS-CPC1030N Datasheet
176Kb / 6P
350V Normally-Open Single-Pole 4-Pin SOP OptoMOS Relay
CPC1035N IXYS-CPC1035N Datasheet
136Kb / 6P
350V Normally-Open Single-Pole 4-Pin SOP OptoMOS Relay
CPC1230N IXYS-CPC1230N Datasheet
167Kb / 6P
350V Normally-Open Single-Pole 4-Pin SOP OptoMOS Relay
CPC1009N IXYS-CPC1009N Datasheet
173Kb / 6P
100V Normally-Open Single-Pole 4-Pin SOP OptoMOS Relay
CPC1019N IXYS-CPC1019N Datasheet
173Kb / 6P
60V Normally-Open Single-Pole 4-Pin SOP OptoMOS Relay
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com