Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPC1004N Datasheet(PDF) 4 Page - IXYS Corporation

Part # CPC1004N
Description  100V Normally-Open Single-Pole 4-Pin SOP OptoMOS Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC1004N Datasheet(HTML) 4 Page - IXYS Corporation

  CPC1004N Datasheet HTML 1Page - IXYS Corporation CPC1004N Datasheet HTML 2Page - IXYS Corporation CPC1004N Datasheet HTML 3Page - IXYS Corporation CPC1004N Datasheet HTML 4Page - IXYS Corporation CPC1004N Datasheet HTML 5Page - IXYS Corporation CPC1004N Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
4
R09
CPC1004N
PERFORMANCE DATA*
*Unless otherwise noted, data presented in these graphs is typical of device operation at 25ºC.
For guaranteed parameters not indicated in the written specifications, please contact our application department.
I
F =5mA
I
F =10mA
-40
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
-20
0
20
40
60
80
100
Typical Turn-On Time vs. Temperature
(I
L=200mA)
Temperature (ºC)
-40
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
-20
0
20
40
60
80
100
I
F =5mA
I
F =10mA
Typical Turn-Off Time vs. Temperature
(I
L=300mA)
Temperature (ºC)
-40
12
10
8
6
4
2
0
-20
0
20
40
60
80
100
110
Typical On-Resistance vs. Temperature
(I
L=300mA)
I
F = 10mA
I
F = 5mA
Temperature (ºC)
500
450
400
350
300
250
200
150
100
50
Temperature (ºC)
-40
-20
0
20
40
60
80
120
100
I =5mA
F
I =10mA
F
Typical Maximum Load Current
vs. Temperature
-40
122
121
120
119
118
117
116
115
-20
0
20
40
60
80
100
Typical Blocking Voltage
vs. Temperature
Temperature (ºC)
-40
0.016
0.014
0.012
0.010
0.008
0.006
0.004
0.002
0
-20
0
20
40
60
80
100
Typical Leakage vs. Temperature
Measured Across Pins 3 & 4
(V
L=100V)
Temperature (ºC)
Time
10μs
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
1ms
100μs
100ms
1s
10ms
10s
100s
Energy Rating Curve
Load Voltage (V)
300
200
100
0
-100
-200
-300
-1.5
-1.0
-0.5
0
0.5
1.0
1.5
Typical Load Current vs. Load Voltage
(I
F=5mA)
LED Forward Current (mA)
0
5
1015202530354045
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
50
Turn-On Time vs. LED Forward Current
(I
L=100mA)
LED Forward Current (mA)
0
5
1015202530354045
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
50
Turn-Off Time vs. LED Forward Current
(I
L=100mA)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com