Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OVSPWBCR44 Datasheet(PDF) 4 Page - TT Electronics.

Part # OVSPWBCR44
Description  1-Watt SMD 6mm With Dome Lens
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OVSPWBCR44 Datasheet(HTML) 4 Page - TT Electronics.

  OVSPWBCR44 Datasheet HTML 1Page - TT Electronics. OVSPWBCR44 Datasheet HTML 2Page - TT Electronics. OVSPWBCR44 Datasheet HTML 3Page - TT Electronics. OVSPWBCR44 Datasheet HTML 4Page - TT Electronics. OVSPWBCR44 Datasheet HTML 5Page - TT Electronics. OVSPWBCR44 Datasheet HTML 6Page - TT Electronics. OVSPWBCR44 Datasheet HTML 7Page - TT Electronics. OVSPWBCR44 Datasheet HTML 8Page - TT Electronics. OVSPWBCR44 Datasheet HTML 9Page - TT Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Issue A.1 10/07
Page 4 of 11
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
1-Watt SMD 6mm Dome Lens
OVSPxBCR44 Series
Standard Bins (IF = 350 mA)
OVSPWBCR44 (White)
Lamps are sorted to luminous flux ( ), luminous intensity (Iv), chromaticity coordinates, and correlated color tem-
perature (CCT) bins shown. Orders may be filled with any or all bins contained as below.
Color Bin Minimum CCT (K) Maximum CCT (K)
Y3
4500
5000
Y2
5000
5500
Y1
5500
6000
X3
6000
7000
X2
7000
8000
X1
8000
10000
Luminous Flux (lm)
Bin
Min
Max
Min
Max
AH
39
50
35
45
AJ
50
63
45
56
Luminous Intensity (cd)
Bin
1
2
3
4
X1
CX
0.2775
0.29
0.29
0.2775
CY
0.243
0.265
0.31
0.288
X2
CX
0.29
0.3025
0.3025
0.29
CY
0.265
0.286
0.331
0.31
X3
CX
0.3025
0.315
0.315
0.3025
CY
0.286
0.308
0.353
0.331
Y1
CX
0.315
0.3275
0.3275
0.315
CY
0.308
0.33
0.375
0.353
Y2
CX
0.3275
0.34
0.34
0.3275
CY
0.33
0.351
0.396
0.375
Y3
CX
0.34
0.3525
0.3525
0.34
CY
0.351
0.373
0.418
0.396
0.20
0.22
0.24
0.26
0.28
0.30
0.32
0.34
0.36
0.38
0.40
0.42
0.44
0.26 0.27 0.28
0.29 0.30 0.31 0.32 0.33
0.34 0.35 0.36
X1
X2
X3
Y1
Y2
Y3
White Bin Structure



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com