Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OVSPWBCR44 Datasheet(PDF) 11 Page - TT Electronics.

Part # OVSPWBCR44
Description  1-Watt SMD 6mm With Dome Lens
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OVSPWBCR44 Datasheet(HTML) 11 Page - TT Electronics.

Back Button OVSPWBCR44 Datasheet HTML 3Page - TT Electronics. OVSPWBCR44 Datasheet HTML 4Page - TT Electronics. OVSPWBCR44 Datasheet HTML 5Page - TT Electronics. OVSPWBCR44 Datasheet HTML 6Page - TT Electronics. OVSPWBCR44 Datasheet HTML 7Page - TT Electronics. OVSPWBCR44 Datasheet HTML 8Page - TT Electronics. OVSPWBCR44 Datasheet HTML 9Page - TT Electronics. OVSPWBCR44 Datasheet HTML 10Page - TT Electronics. OVSPWBCR44 Datasheet HTML 11Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
Issue A.1 10/07
Page 11 of 11
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
1-Watt SMD 6mm Dome Lens
OVSPxBCR44 Series
Reel Dimensions (13 inch)
18.4 (max.measure at hub)
16.4
+2
-0
Label area
Label
Aluminum Moisture-proof Bag
Desiccant
Bar Code Label
Moisture Resistant Packaging



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com