Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LCX240WM.. Datasheet(PDF) 10 Page - ON Semiconductor

Part # 74LCX240WM..
Description  Low Voltage Octal Buffer/Line Driver 5V Tolerant Inputs and Outputs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74LCX240WM.. Datasheet(HTML) 10 Page - ON Semiconductor

Back Button 74LCX240WM.. Datasheet HTML 6Page - ON Semiconductor 74LCX240WM.. Datasheet HTML 7Page - ON Semiconductor 74LCX240WM.. Datasheet HTML 8Page - ON Semiconductor 74LCX240WM.. Datasheet HTML 9Page - ON Semiconductor 74LCX240WM.. Datasheet HTML 10Page - ON Semiconductor 74LCX240WM.. Datasheet HTML 11Page - ON Semiconductor 74LCX240WM.. Datasheet HTML 12Page - ON Semiconductor 74LCX240WM.. Datasheet HTML 13Page - ON Semiconductor 74LCX240WM.. Datasheet HTML 14Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
©1994 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74LCX240 Rev. 1.6.0
9
Physical Dimensions (Continued)
Figure 4. 20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
Package drawings are provided as a service to customers considering Fairchild components. Drawings may change in any manner
without notice. Please note the revision and/or date on the drawing and contact a Fairchild Semiconductor representative to verify or
obtain the most recent revision. Package specifications do not expand the terms of Fairchild’s worldwide terms and conditions,
specifically the warranty therein, which covers Fairchild products.
Always visit Fairchild Semiconductor’s online packaging area for the most recent package drawings:
http://www.fairchildsemi.com/packaging/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com