Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LCX240WM.. Datasheet(PDF) 2 Page - ON Semiconductor

Part # 74LCX240WM..
Description  Low Voltage Octal Buffer/Line Driver 5V Tolerant Inputs and Outputs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74LCX240WM.. Datasheet(HTML) 2 Page - ON Semiconductor

  74LCX240WM.. Datasheet HTML 1Page - ON Semiconductor 74LCX240WM.. Datasheet HTML 2Page - ON Semiconductor 74LCX240WM.. Datasheet HTML 3Page - ON Semiconductor 74LCX240WM.. Datasheet HTML 4Page - ON Semiconductor 74LCX240WM.. Datasheet HTML 5Page - ON Semiconductor 74LCX240WM.. Datasheet HTML 6Page - ON Semiconductor 74LCX240WM.. Datasheet HTML 7Page - ON Semiconductor 74LCX240WM.. Datasheet HTML 8Page - ON Semiconductor 74LCX240WM.. Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
©1994 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74LCX240 Rev. 1.6.0
January 2008
74LCX240
Low Voltage Octal Buffer/Line Driver with 5V Tolerant
Inputs and Outputs
Features
■ 5V tolerant inputs and outputs
■ 2.3V–3.6V VCC specifications provided
■ 6.5ns tPD max. (VCC = 3.3V), 10µA ICC max.
■ Power-down high impedance inputs and outputs
■ Supports live insertion/withdrawal
(1)
■ ±24mA output drive (VCC = 3.0V)
■
■ Latch-up performance exceeds 500mA
■ ESD performance:
– Human body model > 2000V
– Machine model > 200V
Note:
1. To ensure the high-impedance state during power up
or down, OE should be tied to VCC through a pull-up
resistor: the minimum value or the resistor is
determined by the current-sourcing capability of the
driver.
General Description
The LCX240 is an inverting octal buffer and line driver
designed to be employed as a memory address driver,
clock driver and bus oriented transmitter or receiver. The
device is designed for low voltage (2.5V or 3.3V) VCC
applications with capability of interfacing to a 5V signal
environment.
The LCX240 is fabricated with an advanced CMOS tech-
nology to achieve high speed operation while maintain-
ing CMOS low power dissipation.
Ordering Information
Device also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering number.
All packages are lead free per JEDEC: J-STD-020B standard.
Order
Number
Package
Number
Package Description
74LCX240WM
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide
74LCX240SJ
M20D
20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74LCX240MSA
MSA20
20-Lead Shrink Small Outline Package (SSOP), JEDEC MO-150, 5.3mm Wide
74LCX240MTC
MTC20
20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm
Wide
Implements proprietary noise/EMI reduction circuitry



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com