Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTL5V3SSS Datasheet(PDF) 8 Page - Lite-On Technology Corporation

Part # LTL5V3SSS
Description  High luminous intensity output
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTL5V3SSS Datasheet(HTML) 8 Page - Lite-On Technology Corporation

Back Button LTL5V3SSS Datasheet HTML 2Page - Lite-On Technology Corporation LTL5V3SSS Datasheet HTML 3Page - Lite-On Technology Corporation LTL5V3SSS Datasheet HTML 4Page - Lite-On Technology Corporation LTL5V3SSS Datasheet HTML 5Page - Lite-On Technology Corporation LTL5V3SSS Datasheet HTML 6Page - Lite-On Technology Corporation LTL5V3SSS Datasheet HTML 7Page - Lite-On Technology Corporation LTL5V3SSS Datasheet HTML 8Page - Lite-On Technology Corporation LTL5V3SSS Datasheet HTML 9Page - Lite-On Technology Corporation LTL5V3SSS Datasheet HTML 10Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
LITE-ON TECHNOLOGY CORPORATION
Property of Lite-On Only
6. Drive Method
An LED is a current-operated device. In order to ensure intensity uniformity on multiple LEDs
connected in parallel in an application, it is recommended that a current limiting resistor be
incorporated in the drive circuit, in series with each LED as shown in Circuit A below.
Circuit model A
Circuit model B
LED
LED
(A) Recommended circuit
(B) The brightness of each LED might appear different due to the differences in the I-V characteristics
of those LEDs
7. ESD (Electrostatic Discharge)
Static Electricity or power surge will damage the LED.
Suggestions to prevent ESD damage:
Use a conductive wrist band or anti- electrostatic glove when handling these LEDs
All devices, equipment, and machinery must be properly grounded
Work tables, storage racks, etc. should be properly grounded
Use ion blower to neutralize the static charge which might have built up on surface of the LEDs
plastic lens as a result of friction between LEDs during storage and handing
ESD-damaged Leeds will exhibit abnormal characteristics such as high reverse leakage current, low
forward voltage, or “no light up” at low currents. To verify for ESD damage, check for “light up” and
Vf of the suspect LEDs at low currents.
The Vf of “good” LEDs should be >2.0V@0.1mA for InGaN product and >1.4V@0.1mA for AlInGaP product.
Part No. : LTL5V3SSS
Page :
8
of
10
BNS-OD-C131/A4
Chip ESD level
Machine Model
Human Body Model
InGaN / Sapphire
100 V
300 V
AlInGaP
200 V
500 V
InGaN / SiC
600 V
1000 V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com