Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTL5V3SSS Datasheet(PDF) 1 Page - Lite-On Technology Corporation

Part # LTL5V3SSS
Description  High luminous intensity output
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTL5V3SSS Datasheet(HTML) 1 Page - Lite-On Technology Corporation

  LTL5V3SSS Datasheet HTML 1Page - Lite-On Technology Corporation LTL5V3SSS Datasheet HTML 2Page - Lite-On Technology Corporation LTL5V3SSS Datasheet HTML 3Page - Lite-On Technology Corporation LTL5V3SSS Datasheet HTML 4Page - Lite-On Technology Corporation LTL5V3SSS Datasheet HTML 5Page - Lite-On Technology Corporation LTL5V3SSS Datasheet HTML 6Page - Lite-On Technology Corporation LTL5V3SSS Datasheet HTML 7Page - Lite-On Technology Corporation LTL5V3SSS Datasheet HTML 8Page - Lite-On Technology Corporation LTL5V3SSS Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
LITE-ON TECHNOLOGY CORPORATION
Property of Lite-On Only
Features
* High Luminous intensity output.
* Low power consumption.
* High efficiency.
* Wide Viewing Angle
Major Axis 70° / Minor Axis 35°
* Versatile mounting on P.C. board or panel.
* I.C. Compatible/low current requirements.
Package Dimensions
Part No.
Lens
Source Color
LTL5V3SSS
Yellow Diffused
TS AlInGaP Amber
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.25mm(.010") unless otherwise noted.
3. Lead spacing is measured where the leads emerge from the package.
4. Specifications are subject to change without notice.
Part No. : LTL5V3SSS
Page :
1
of
10
BNS-OD-C131/A4


Similar Part No. - LTL5V3SSS

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTL5V3SRK LITEON-LTL5V3SRK Datasheet
203Kb / 8P
High luminous intensity output
More results

Similar Description - LTL5V3SSS

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EALP03OLARA1 EVERLIGHT-EALP03OLARA1 Datasheet
234Kb / 11P
High luminous intensity output
EALP03OLAYA0 EVERLIGHT-EALP03OLAYA0 Datasheet
269Kb / 11P
High luminous intensity output
EALP05OLABA0 EVERLIGHT-EALP05OLABA0 Datasheet
459Kb / 9P
High luminous intensity output
EALP05OLAGA0 EVERLIGHT-EALP05OLAGA0 Datasheet
447Kb / 9P
High luminous intensity output
EALP05OLARA1 EVERLIGHT-EALP05OLARA1 Datasheet
432Kb / 11P
High luminous intensity output
EALP05OLBBA0 EVERLIGHT-EALP05OLBBA0 Datasheet
245Kb / 9P
High luminous intensity output
EALP05OLBGA1 EVERLIGHT-EALP05OLBGA1 Datasheet
246Kb / 9P
High luminous intensity output
EALP03OLAGA5 EVERLIGHT-EALP03OLAGA5 Datasheet
797Kb / 11P
High luminous intensity output
EALP03OLARA6 EVERLIGHT-EALP03OLARA6 Datasheet
795Kb / 11P
High luminous intensity output
logo
EHAOAN.
EH-T680KGKT EHAOAN-EH-T680KGKT Datasheet
771Kb / 10P
High luminous intensity output.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com