Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPC1580 Datasheet(PDF) 1 Page - IXYS Corporation

Part # CPC1580
Description  Optically Isolated Gate Drive Circuit
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC1580 Datasheet(HTML) 1 Page - IXYS Corporation

  CPC1580 Datasheet HTML 1Page - IXYS Corporation CPC1580 Datasheet HTML 2Page - IXYS Corporation CPC1580 Datasheet HTML 3Page - IXYS Corporation CPC1580 Datasheet HTML 4Page - IXYS Corporation CPC1580 Datasheet HTML 5Page - IXYS Corporation CPC1580 Datasheet HTML 6Page - IXYS Corporation CPC1580 Datasheet HTML 7Page - IXYS Corporation CPC1580 Datasheet HTML 8Page - IXYS Corporation CPC1580 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
INTEGRATED CIRCUITS DIVISION
DS-CPC1580-R01
www.ixysic.com
1
Features
• Drives External Power MOSFET
• Low LED Current (2.5mA)
• Requires No External Power Supply
• Load Voltages up to 65V
• High Reliability
• Small 8-pin Surface Mount Package
• 3750V
rms Input/Output Isolation
Applications
• Industrial Controls
• Instrumentation
• Medical Equipment Isolation
• Electronic Switching
• I/O Subsystems
• Appliances
Approvals
• UL recognized component: File # E76270
Description
The CPC1580 optical gate driver provides isolated
control of a discrete power MOSFET transistor without
the need of an external power supply. Control of the
power MOSFET transistor is accomplished by the
application of sufficient input LED current to activate
the driver circuitry.
On the load side, an external storage capacitor and an
internal bootstrap diode enable the internal
photovoltaic and gate driver circuitry to provide fast
output switching characteristics by supplying the
charge necessary to satisfy the MOSFET’s bias
requirements.
Provided in a small 8-pin package, the CPC1580
provides 3750Vrms of input-to-output isolation.
Ordering Information
Figure 1. CPC1580 DC Application Circuit Diagram
Part
Description
CPC1580P
8-Pin Flatpack (50/Tube)
CPC1580PTR
8-Pin Flatpack (1000/Reel)
2
3
1
4
NC
NC
8
5
6
7
C
ST
+V
LOAD
-V
LOAD
CPC1580
LED +
LED -
V
CAP
V
D
V
G
V
S
Q1
LOAD
CPC1580
Optically Isolated
Gate Drive Circuit


Similar Part No. - CPC1580

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1580 CLARE-CPC1580 Datasheet
846Kb / 11P
Optically Isolated Gate Drive Circuit
logo
Littelfuse
CPC1580 LITTELFUSE-CPC1580 Datasheet
293Kb / 13P
Optically Isolated Gate Drive Circuit
11/18/2025
logo
Clare, Inc.
CPC1580P CLARE-CPC1580P Datasheet
846Kb / 11P
Optically Isolated Gate Drive Circuit
logo
Littelfuse
CPC1580P LITTELFUSE-CPC1580P Datasheet
293Kb / 13P
Optically Isolated Gate Drive Circuit
11/18/2025
logo
Clare, Inc.
CPC1580PTR CLARE-CPC1580PTR Datasheet
846Kb / 11P
Optically Isolated Gate Drive Circuit
More results

Similar Description - CPC1580

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD2742A FAIRCHILD-FOD2742A Datasheet
567Kb / 13P
OPTICALLY ISOLATED ERROR AMPLIFIER
logo
Clare, Inc.
CPC1580 CLARE-CPC1580 Datasheet
846Kb / 11P
Optically Isolated Gate Drive Circuit
logo
Fairchild Semiconductor
FOD2743A FAIRCHILD-FOD2743A_08 Datasheet
322Kb / 16P
Optically Isolated Error Amplifier
logo
Clare, Inc.
CPC1590 CLARE-CPC1590 Datasheet
378Kb / 10P
Optically Isolated Gate Drive Circuit
logo
Teledyne Technologies I...
FR75-1 TELEDYNE-FR75-1 Datasheet
517Kb / 3P
1.0A, 60 Vdc Optically Isolated Short-Circuit Protected
logo
Toshiba Semiconductor
TLP5214 TOSHIBA-TLP5214 Datasheet
910Kb / 20P
Isolated IGBT/Power MOSFET gate drive
logo
Willow Technologies Ltd
C75 WILLOW-C75 Datasheet
613Kb / 2P
Optically Isolated 1.0A with Short-Circuit Protection
logo
ISOCOM COMPONENTS
IS480P ISOCOM-IS480P Datasheet
1Mb / 15P
Isolated IGBT/MOSFET Gate Drive
logo
Teledyne Technologies I...
SR75-1 TELEDYNE-SR75-1 Datasheet
201Kb / 2P
1.5A, 60Vdc Optically Isolated, Short-Circuit Protected
logo
IXYS Corporation
CPC1590 IXYS-CPC1590 Datasheet
220Kb / 10P
Optically Isolated Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com