Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPC1580 Datasheet(PDF) 8 Page - IXYS Corporation

Part # CPC1580
Description  Optically Isolated Gate Drive Circuit
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC1580 Datasheet(HTML) 8 Page - IXYS Corporation

Back Button CPC1580 Datasheet HTML 4Page - IXYS Corporation CPC1580 Datasheet HTML 5Page - IXYS Corporation CPC1580 Datasheet HTML 6Page - IXYS Corporation CPC1580 Datasheet HTML 7Page - IXYS Corporation CPC1580 Datasheet HTML 8Page - IXYS Corporation CPC1580 Datasheet HTML 9Page - IXYS Corporation CPC1580 Datasheet HTML 10Page - IXYS Corporation CPC1580 Datasheet HTML 11Page - IXYS Corporation CPC1580 Datasheet HTML 12Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
INTEGRATED CIRCUITS DIVISION
CPC1580
8
www.ixysic.com
R01
Where CRSS is the MOSFET gate-drain capacitance
(averaged over the switching voltage range) found in
the MOSFET data sheet, IG_SINK is the gate sinking
current of the CPC1580, and IG_SOURCE is the gate
driving ability. The maximum value of tRISE is limited
by the CPC1580 unloaded discharge characteristic
and should be reviewed in light of the final application
component selections if critical.
The value for the charge time, tCHG, is due to external
component selection. The storage capacitor charge
recovery time (seconds) is computed as:
Which reduces to:
ROVP and COVP are optional over-voltage protection
elements that are present in the application circuit
diagram (see Figure 3).
The term inside the logarithm reflects the discharge
and recharge voltage on CST. For practical circuit
component selection, this can be simplified as
described above.
Use this information to calculate the maximum
switching frequency in Section 7 below.
Note: The CPC1580 is ideal to use where
remote power is otherwise unavailable. If the
LED is also powered remotely, care must be
taken to ensure that parasitic transient signals
are reliably filtered from the input control signal.
Large transient currents will mutually couple
energy between cables and a simple R-C
filtering of the CPC1580 input may be sufficient
to suppress false turn-on.
Figure 2. CPC1580 AC Application Circuit
5. CPC1580 Over-Voltage Protection
Over-voltage protection is generally required for the
CPC1580 because of parasitic inductance in the load,
wires, board traces, and axial leads of protectors.
Purely resistive loads or loads with low voltage
switching may be able to rely on the transistor to
handle any parasitic energy and thereby not require
protection for the CPC1580. For very low inductance
loads and traces, over-voltage suppression may be
handled with a simple R-C filter consisting of ROVP
and COVP, or by use of a free-wheeling diode (see
Figure 3). For more moderate load inductance, or
remote switching of a load (i.e. through a long cable) a
voltage suppressor can be used. For heavily inductive
loads only a free-wheeling diode, DOVP, connected
tCHG ~
~ - (400 + ROVP) • (CST + COVP) • ln
(VLOAD - VFINAL) • CST
QG
)
(
tCHG ~
~ - (400 + ROVP) • (CST + COVP) • 3
2
3
1
4
NC
NC
8
5
6
7
C
ST
+/- V
LOAD
+/- V
LOAD
CPC1580
LED +
LED -
V
CAP
V
D
V
G
V
S
Q1
Q2
LOAD
* Minimum Blocking Voltage = 100V
*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com