Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPC1590 Datasheet(PDF) 1 Page - IXYS Corporation

Part # CPC1590
Description  Optically Isolated Gate Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC1590 Datasheet(HTML) 1 Page - IXYS Corporation

  CPC1590 Datasheet HTML 1Page - IXYS Corporation CPC1590 Datasheet HTML 2Page - IXYS Corporation CPC1590 Datasheet HTML 3Page - IXYS Corporation CPC1590 Datasheet HTML 4Page - IXYS Corporation CPC1590 Datasheet HTML 5Page - IXYS Corporation CPC1590 Datasheet HTML 6Page - IXYS Corporation CPC1590 Datasheet HTML 7Page - IXYS Corporation CPC1590 Datasheet HTML 8Page - IXYS Corporation CPC1590 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
INTEGRATED CIRCUITS DIVISION
DS-CPC1590-R01
www.ixysic.com
1
e3
Pb
Driver Characteristics
Features
• 3750V
rms Input-to-Output Isolation
• Drives External Power MOSFET
• Low LED Current (2.5mA)
• Requires No External Power Supply
• Load Voltages up to 200V
• High Reliability
• Small 8-pin Surface Mount Flatpack Package
• Machine Insertable, Wave Solderable
• Tape and Reel Version Available
Applications
• Industrial Controls
• Instrumentation
• Medical Equipment Isolation
• Electronic Switching
• I/O Subsystems
• Appliances
Description
The CPC1590 is a MOSFET Gate Driver that requires
no external power supply: it regulates the input voltage
drawn from the load (up to 200V), down to 12.2V for
internal use. It is specifically designed for low duty
cycle switching applications that drive up to 4nF of
gate capacitance.
The CPC1590 accomplishes very fast MOSFET
turn-on by supplying stored charge, from an external
capacitor, to the MOSFET gate when input control
current is applied to the device’s LED. After the
MOSFET is turned on, photocurrent from the input
optocoupler keeps it on for as long as sufficient input
control current flows, so there is no low-frequency
operating limit. When the MOSFET is turned off, the
storage capacitor charges from the device’s regulated
internal voltage in preparation for the next turn-on.
Because it is provided in a small, 8-pin Flatpack
package and requires no separate power supply, the
CPC1590 provides a flexible design solution that
consumes the least amount of PCB land area.
Approvals
• UL Recognized Component: File E76270
Ordering Information
Figure 1. CPC1590 Block Diagram
Parameter
Rating
Units
Input Current
2.5
mA
Switching Speed (IF=5mA, MOS Input Capacitance=4nF)
td(on)
12
td(off1) (VGS=2V)
125
s
td(off2) (VGS=1V)
210
Part
Description
CPC1590P
8-Pin Flatpack (50/Tube)
CPC1590PTR
8-Pin Flatpack (1000/Reel)
2
3
1
4
NC
NC
8
5
6
7
LED +
LED -
CAP
A
G
B
CPC1590
Optically Isolated Gate Driver


Similar Part No. - CPC1590

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1590 CLARE-CPC1590 Datasheet
378Kb / 10P
Optically Isolated Gate Drive Circuit
logo
Littelfuse
CPC1590 LITTELFUSE-CPC1590 Datasheet
1Mb / 10P
Optically Isolated Gate Driver
11/18/2025
logo
Clare, Inc.
CPC1590P CLARE-CPC1590P Datasheet
378Kb / 10P
Optically Isolated Gate Drive Circuit
logo
Littelfuse
CPC1590P LITTELFUSE-CPC1590P Datasheet
1Mb / 10P
Optically Isolated Gate Driver
11/18/2025
logo
Clare, Inc.
CPC1590PTR CLARE-CPC1590PTR Datasheet
378Kb / 10P
Optically Isolated Gate Drive Circuit
More results

Similar Description - CPC1590

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1580 CLARE-CPC1580 Datasheet
846Kb / 11P
Optically Isolated Gate Drive Circuit
logo
Fairchild Semiconductor
FOD2743A FAIRCHILD-FOD2743A_08 Datasheet
322Kb / 16P
Optically Isolated Error Amplifier
logo
Clare, Inc.
CPC1590 CLARE-CPC1590 Datasheet
378Kb / 10P
Optically Isolated Gate Drive Circuit
logo
GeneSiC Semiconductor, ...
GA03IDDJT30-FR4 GENESIC-GA03IDDJT30-FR4 Datasheet
789Kb / 9P
Isolated Gate Driver
logo
International Rectifier
PVI5013RPBF IRF-PVI5013RPBF_15 Datasheet
278Kb / 5P
Opto Isolated MOSFET Gate Driver
PVI5033RPBF IRF-PVI5033RPBF_15 Datasheet
268Kb / 5P
Opto Isolated MOSFET Gate Driver
logo
Texas Instruments
UCC21520 TI1-UCC21520 Datasheet
1Mb / 45P
Isolated Dual-Channel Gate Driver
logo
IXYS Corporation
CPC1580 IXYS-CPC1580 Datasheet
285Kb / 13P
Optically Isolated Gate Drive Circuit
logo
Cree, Inc
CPWR-AN10 CREE-CPWR-AN10 Datasheet
486Kb / 6P
SiC MOSFET Isolated Gate Driver
logo
BASIC SEMICONDUCTOR
BTD21520 BASICSEMI-BTD21520 Datasheet
642Kb / 19P
Dual-Channel Isolated Gate Driver
Rev.0.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com