Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPC1590 Datasheet(PDF) 8 Page - IXYS Corporation

Part # CPC1590
Description  Optically Isolated Gate Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC1590 Datasheet(HTML) 8 Page - IXYS Corporation

Back Button CPC1590 Datasheet HTML 2Page - IXYS Corporation CPC1590 Datasheet HTML 3Page - IXYS Corporation CPC1590 Datasheet HTML 4Page - IXYS Corporation CPC1590 Datasheet HTML 5Page - IXYS Corporation CPC1590 Datasheet HTML 6Page - IXYS Corporation CPC1590 Datasheet HTML 7Page - IXYS Corporation CPC1590 Datasheet HTML 8Page - IXYS Corporation CPC1590 Datasheet HTML 9Page - IXYS Corporation CPC1590 Datasheet HTML 10Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
INTEGRATED CIRCUITS DIVISION
CPC1590
8
www.ixysic.com
R01
between 10V and 16V. The capacitor’s voltage rating
should be two to three times this range.
The designer should select the storage capacitor
based on the particular application requirements. If the
final product requires operating at a higher ambient
temperature range of -40°C to +110°C, then it is better
to select COG/NPO capacitors in order to meet
minimum capacitance requirements.
4.3 Transistor Selection
The CPC1590 charges and discharges an external
MOSFET transistor. The selection of the MOSFET is
determined by the user to meet the specific power
requirements for the load. The CPC1590 output
voltage is listed in the specification, but, as mentioned
earlier, there must be little or no gate leakage.
Another parameter that plays a significant role in the
selection of the transistor is the gate drive voltage
available from the part. The CPC1590 uses
photovoltaic cells to collect the optical energy
generated by the internal LED; to generate more
voltage, the photovoltaic diodes are stacked. As such,
the voltage of the photovoltaic stack reduces with
increased temperature. The user must select a
transistor that will maintain the load current at the
maximum temperature, given the VGS in the CPC1590
specifications.
5. CPC1590 Used as an AC Switch
The CPC1590 can be used in other configurations.
One typical configuration is shown in Figure 3, which
is called an AC Switch. This simply means that either
terminal can be positive or negative. This configuration
requires a second MOSFET (Q2) and two rectifying
diodes (D1 and D2).
The design considerations are identical for this
application. Diodes D1 and D2 must have voltage
ratings greater than the breakdown voltage of the
MOSFETs.
Figure 3. Application Circuit for Using the CPC1590 as an AC Switch
6. Conclusion
See IXYS Integrated Circuits Division’s Application Note, AN-202, for a thorough discussion, and for examples of
device usage, component selection, and over-voltage protection circuitry.
2
3
1
4
NC
NC
8
5
6
7
CPC1590
LED +
LED -
V
CAP
V
G
C
ST
+/- V
LOAD
+/- V
LOAD
Q1
Q2
LOAD
V
L1
V
L2
D2
D1



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com