Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPC5750UTR Datasheet(PDF) 21 Page - IXYS Corporation

Part # CPC5750UTR
Description  Single-Channel Voice Band CODEC
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC5750UTR Datasheet(HTML) 21 Page - IXYS Corporation

Back Button CPC5750UTR Datasheet HTML 17Page - IXYS Corporation CPC5750UTR Datasheet HTML 18Page - IXYS Corporation CPC5750UTR Datasheet HTML 19Page - IXYS Corporation CPC5750UTR Datasheet HTML 20Page - IXYS Corporation CPC5750UTR Datasheet HTML 21Page - IXYS Corporation CPC5750UTR Datasheet HTML 22Page - IXYS Corporation CPC5750UTR Datasheet HTML 23Page - IXYS Corporation CPC5750UTR Datasheet HTML 24Page - IXYS Corporation CPC5750UTR Datasheet HTML 25Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
PRELIMINARY
INTEGRATED CIRCUITS DIVISION
Rev F
PRELIMINARY
21
CPC5750
Figure 4: PCM Time Slot 0, Short FS, No Bit Delay, 2x PCLK (PTC=PRC=0, PTB=PRB=0, CPB=1, TXZ=1)
Table 3:
PCM Interface AC Characteristics
Ambient temperature range -40°C to +85°C; VCC=VDD=3V to 3.6V
Parameter
Test Condition
Symbol
Min
Typ
Max
Units
FS Period
-
tFP
-125
-
s
FS Jitter
-
tFJ
--
100
ns
PCLK Cycle Time
-
tPC
122
-
1955
PCLK Duty Cycle
-
40
50
60
%
PCLK Jitter
-
tPJ
--
±2
PCLK Rise Time
20% to 80%
tPR
--
25
PCLK Fall Time
20% to 80%
tPF
--
25
DTX Data Access Valid from PCLK Rising
-
tTXDA
--
20
DTX Tri-State from PCLK Rising
TXZ = 0
tTRIR
--
20
DTX Tri-State from PCLK Falling
TXZ = 1
tTRIF
--
20
FS Setup Time to PCLK Falling
-
tFSU
25
-
-
FS Hold Time from PCLK Falling
-
tFHD
20
-
-
DRX Data Setup Time to PCLK Falling
-
tRXSU
25
-
-
DRX Data Hold Time from PCLK Falling
-
tRXHD
20
-
-
LSB
LSB
MSB
MSB
HI-Z
HI-Z
PCLK
FS
FRAME BIT
D
RX
D
TX
1
18
234567
8
9
1011121314151617



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com