Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPC5750UTR Datasheet(PDF) 3 Page - IXYS Corporation

Part # CPC5750UTR
Description  Single-Channel Voice Band CODEC
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC5750UTR Datasheet(HTML) 3 Page - IXYS Corporation

  CPC5750UTR Datasheet HTML 1Page - IXYS Corporation CPC5750UTR Datasheet HTML 2Page - IXYS Corporation CPC5750UTR Datasheet HTML 3Page - IXYS Corporation CPC5750UTR Datasheet HTML 4Page - IXYS Corporation CPC5750UTR Datasheet HTML 5Page - IXYS Corporation CPC5750UTR Datasheet HTML 6Page - IXYS Corporation CPC5750UTR Datasheet HTML 7Page - IXYS Corporation CPC5750UTR Datasheet HTML 8Page - IXYS Corporation CPC5750UTR Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
PRELIMINARY
INTEGRATED CIRCUITS DIVISION
Rev F
PRELIMINARY
3
CPC5750
1. Specifications
1.1 Pinout
1.2 Pin Descriptions
Pin Name
Pin #
Pin Type
Description
Power and Ground
VDD
24
Power In
Digital Supply Voltage
VSS
23
Power In
Digital Ground
VCC
18
Power In
Analog Supply Voltage
VEE
17
Power In
Analog Ground
VREF
16
Power Out
Analog Reference Voltage - CREF = 0.22F (From VREF to VEE )
Control Interface
RST
4
Digital Input - PU
Active low digital input with internal pull-up (PU). When asserted low, all logic is asynchronously reset.
CS
7
Digital Input
(Dual Purpose)
1) Companding selection during Power-Up or RST. Hold for 40
s after Power-Up or RST:
CS = low, Companding =
-law; CS = high, Companding = A-law. Can be modified via programming.
2) PCM Mode: SPI bus Chip Select, active low.
D0
11
Digital Input/Output
General purpose input/output pin.
D1
12
Digital Input/Output
General purpose input/output pin.
D2
13
Digital Input/Output
General purpose input/output pin.
D3
14
Digital Input/Output
General purpose input/output pin.
MUTE
15
Digital Input - PU
Active low digital input with internal pull-up. When asserted low, the analog output amplifier is disabled
and it’s outputs AOUT+ and AOUT- are held at a nominal ½ VCC.
SCLK
9
Digital Input
(Dual Purpose)
1) PCM Mode: SPI bus clock.
2) GCI Mode: Input, MSB address bit to select sub-frame.
SDI
10
Digital Input
(Dual Purpose)
1) Transmission Mode select during Power-Up or Reset. Hold for 40
s after Power-Up or RST:
SDI = low, Mode = IOM-2 GCI; SDI = high, Mode = PCM.
2) PCM Mode: SPI bus data input. Connects to the SPI bus master SDO output.
SDO
8
Digital Input/Output
Tri-State
(Dual Purpose)
1) PCM Mode: SPI bus data output. Connects to the SPI bus master SDI input.
2) GCI Mode: Input, address bit to select sub-frame used.
SFSEL
6
Digital Input
GCI Mode: Input LSB address bit to select sub-frame. PCM Mode: Not used.
PCM/IOM-2 Digitized Voice Interface
DRX
2
Digital Input
Receive data for PCM Interface or GCI bus.
DTX
3
Digital Output Tri-State
Transmit data for PCM Interface or GCI bus.
FS
5
Digital Input
Frame synchronization signal for GCI or PCM Interface bus.
PCLK
1
Digital Input
Master clock signal for GCI or PCM Interface bus as well as signal processing.
Analog Interface
AIN+
21
Analog Input
Differential amplifier Non-inverting input.
AIN -
22
Analog Input
Differential amplifier Inverting input.
AOUT+
19
Analog Output
Positive amplifier output, differential 600
 driver.
AOUT -
20
Analog Output
Negative amplifier output, differential 600
 driver.
PCLK - 1
D
RX - 2
D
TX - 3
FS - 5
SFSEL - 6
SDO - 8
SCLK - 9
SDIN - 10
D0 - 11
D1 - 12
24 - V
DD
23 - V
SS
22 - A
IN-
21 - A
IN+
20 - A
OUT-
19 - A
OUT+
18 - V
CC
17 - V
EE
16 - V
REF
15 - MUTE
14 - D3
13 - D2
RST - 4
CS - 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com