Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPC7512 Datasheet(PDF) 5 Page - IXYS Corporation

Part # CPC7512
Description  Dual 1-Form-A Shunt-Isolated High-Voltage High-Frequency Analog Switch
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC7512 Datasheet(HTML) 5 Page - IXYS Corporation

  CPC7512 Datasheet HTML 1Page - IXYS Corporation CPC7512 Datasheet HTML 2Page - IXYS Corporation CPC7512 Datasheet HTML 3Page - IXYS Corporation CPC7512 Datasheet HTML 4Page - IXYS Corporation CPC7512 Datasheet HTML 5Page - IXYS Corporation CPC7512 Datasheet HTML 6Page - IXYS Corporation CPC7512 Datasheet HTML 7Page - IXYS Corporation CPC7512 Datasheet HTML 8Page - IXYS Corporation CPC7512 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
INTEGRATED CIRCUITS DIVISION
CPC7512
R01
www.ixysic.com
5
1.5 Switch Electrical Specifications
NOTE: VSW is the voltage across a switch or a pair of switches in series and VS is the voltage at a switch pin with respect to ground.
Parameter
Test Conditions
Symbol
Minimum
Typical
Maximum
Unit
Off-State Leakage Current
VSW = SxA to SxCOM, SxB to SxCOM,
SxC to SxCOM; SxCOM = Gnd; All switches Off
+25
C, V
SW = +320V
-
+0.1
+1
+85
C, V
SW = +330V
ISW
+0.3
A
-40
C, V
SW = +310V
+0.1
On Resistance:
SxA to SxB
SWxA = SWxB = On, SWxC = Off
ISW = ±10mA, ±40mA
+25
C-
29
-
+85
C
RON
--
62
-40
C
-21-
On Resistance Matching:
SxA to SxB
Per On Resistance Test Conditions
R
ON
-0.1
1
On Resistance: SWxC,
SxC to SxCOM
SWxA = SWxB = Off, SWxC = On
ISW = ±10mA, ±40mA
+25
C-
60
-
+85
C
RON
-
85
110
-40
C
-45-
Off-State Voltage
Maximum Differential Voltage1,2, Switches Off
VOFF
-
-
600
V
High Frequency Dynamic
Current Limit (t <0.5
s)
Apply ±1 kV 10x1000
s pulse with appropriate
protection in place 2, Switches On
ISW
-1-
A
Logic Input to Switch Output
Isolation
VS = SxA to Gnd, SxB to Gnd, SxC to Gnd,
SxCOM to Gnd; All switches Off.
+25
C, V
S = ±320V
+0.1
+85
C, V
S = ±330V
ISW
-+0.3
+1
A
-40
C, V
S = ±310V
+0.1
Crosstalk
50
 Termination, f=1MHz 3
--55
-
-
dB
Off-State Isolation
50
 Termination, f=1MHz 4
-50
60
-
dB
Switch to Ground Capacitance
All switches Off,
SxA,SxB, SxC, and SxCOM are open circuit
SxA to Gnd, SxB to Gnd
-80-
SxC to Gnd
C-
40
-
pF
SxCOM to Gnd
-
115
-
Transient Immunity
100VP-P Square Wave at 100Hz
dV/dt
1500
2100
-
V/
s
1 Across any two inactive (Off) switches.
2 Maximum +/- 310V with respect to ground at any switch.
3 See “Figure 1. Crosstalk Test Configuration” on page 6.
4 See “Figure 2. Switch Off-State Isolation Test Configuration” on page 6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com